Electronic Components Datasheet Search
  English  ▼

X  

ALH60G48 Datasheet(PDF) 7 Page - Astec America, Inc

Part # ALH60G48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60G48 Datasheet(HTML) 7 Page - Astec America, Inc

Back Button ALH60G48 Datasheet HTML 3Page - Astec America, Inc ALH60G48 Datasheet HTML 4Page - Astec America, Inc ALH60G48 Datasheet HTML 5Page - Astec America, Inc ALH60G48 Datasheet HTML 6Page - Astec America, Inc ALH60G48 Datasheet HTML 7Page - Astec America, Inc ALH60G48 Datasheet HTML 8Page - Astec America, Inc ALH60G48 Datasheet HTML 9Page - Astec America, Inc ALH60G48 Datasheet HTML 10Page - Astec America, Inc ALH60G48 Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 7 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Basic Operation and Features
AEH60 / ALH60 converters were designed specifically to address applications where ultra high power density is required.
These modules provide basic insulation and 1500V isolation with very high output current capability in an industry
standard half size module. Operating from 36 to 75V input, they have standard features such as remote sense, trim, OVP,
OCP and OTP. AEH60 series devices will accept industry standard heat sinks to enhance thermal performance in
applications with conductive cooling.
Remote Sense (+Sense, -Sense)
Connect the + Sense and – Sense pins close to the load to allow the module to compensate for the voltage drop across
conductors carrying high load current. If remote sense is not required (for example if the load is close to the module) the
sense pins should be connected to the corresponding output pins. Maximum voltage drop compensation is 10% Vout. It is
important to avoid introducing lumped inductance or capacitance into the remote path. Do not connect remote sense lines
“beyond” any external output filter stages used with the module.
Trim Function
Output voltage adjustment is accomplished by connecting an external resistor between the Trim Pin and either the +Sense
or –Sense Pins.
To adjust Vo to a higher value, please refer to Figure 3.
An external resistor, Radj_up should be connected
between the Trim Pin and the +Sense Pin. From Equation
(1), Radj_up resistor can be determined for the required
output voltage increment.
Equation (1)
where:
Radj_up - in k
Ω
%Vo, adj - percent change in output voltage
To adjust Vo to a lower value, please refer to Figure 4.
An external resistor, Radj_down should be connected
between the Trim Pin and the -Sense Pin. From Equation
(2), Radj_down resistor can be determined for the
required output voltage change.
Equation (2)
where:
Radj_down - in k
Ω
%Vo, adj
- percent change in output voltage
Figure 3. Radj_up Setup to increase Output Voltage
Figure 4. Radj_down Setup to decrease Output Voltage
Radj_up = Vo*(100 + %Vo,adj)
1.225*%Vo,adj
100+ 2%Vo,adj
%Vo,adj
kohm
Radj_down
.
100
,
%Vo adj
2
kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com