Electronic Components Datasheet Search
  English  ▼

X  

ALH60G48 Datasheet(PDF) 20 Page - Astec America, Inc

Part # ALH60G48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60G48 Datasheet(HTML) 20 Page - Astec America, Inc

Back Button ALH60G48 Datasheet HTML 13Page - Astec America, Inc ALH60G48 Datasheet HTML 14Page - Astec America, Inc ALH60G48 Datasheet HTML 15Page - Astec America, Inc ALH60G48 Datasheet HTML 16Page - Astec America, Inc ALH60G48 Datasheet HTML 17Page - Astec America, Inc ALH60G48 Datasheet HTML 18Page - Astec America, Inc ALH60G48 Datasheet HTML 19Page - Astec America, Inc ALH60G48 Datasheet HTML 20Page - Astec America, Inc ALH60G48 Datasheet HTML 21Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 20 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Mechanical Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
AEH/ALH
L
-
2.40 [60.96]
-
in [mm]
AEH/ALH
W
-
2.30 [58.42]
-
in [mm]
AEH
H
-
0.50 [12.70]
-
in [mm]
ALH
H
-
0.40 [10.16]
-
in [mm]
Weight
AEH
-
130 [4.60]
-
g [oz]
ALH
-
110 [3.90]
-
g [oz]
PIN ASSIGNMENT
1
+ VIN
6
- Sense
2
Enable ON/OFF
7
Trim
3
Case (AEH version)
8
+ Sense
4
- VIN
9
+ Output
5
- Output
Note:
Nominal diameter for Pins 5 & 9 = 0.08", remaining pins at 0.04"
OUTLINE DRAWING
Figure 25. AEH60 - baseplate outline drawing (bottom view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com