Electronic Components Datasheet Search
  English  ▼

X  

ALH60G48 Datasheet(PDF) 14 Page - Astec America, Inc

Part # ALH60G48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60G48 Datasheet(HTML) 14 Page - Astec America, Inc

Back Button ALH60G48 Datasheet HTML 10Page - Astec America, Inc ALH60G48 Datasheet HTML 11Page - Astec America, Inc ALH60G48 Datasheet HTML 12Page - Astec America, Inc ALH60G48 Datasheet HTML 13Page - Astec America, Inc ALH60G48 Datasheet HTML 14Page - Astec America, Inc ALH60G48 Datasheet HTML 15Page - Astec America, Inc ALH60G48 Datasheet HTML 16Page - Astec America, Inc ALH60G48 Datasheet HTML 17Page - Astec America, Inc ALH60G48 Datasheet HTML 18Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 14 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Thermal Considerations
While the ALH60 (Open Frame Converter) is designed to provide the maximum performance at the lowest profile, the
AEH60 (Power Converter with HS adapter) operates in a variety of thermal environments. Sufficient cooling should be
provided to help ensure reliable operation of either device. Heat generating components are thermally coupled to the
adapter where heat energy is removed by conduction, convection, and radiation to the surrounding environment. Heat sinks
can provide enhanced output performance as shown below. Proper cooling can be verified by measuring the case
temperature (Center of adapter plate/baseplate).
HEAT TRANSFER CHARACTERISTICS
Increasing airflow over the converter enhances heat transfer via convection. Figure 16 shows worse case maximum power
that can be dissipated by the converter, without exceeding the maximum adapter plate temperature, versus local ambient
temperature (TA) for natural convection through 2.0 m/s (400 ft/min). Figure 17 shows actual maximum power that can be
dissipated through both the adapter plate and through the output pins (unit soldered into a 4” square copper plane (2 Oz.) or
equivalent).
Figure 16. Forced Convection Power Dissipation
Note:
This is worse case dissipation - additional Heat transfer through O/P pins will increase
allowable dissipation considerably. See Figure 17.
AEH60 Series
Power Dissipation vs Temp
Forced Convection without HS
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Ambient Temperature (ºC)
Nat. Conv.
1.0 m/s (200 ft/min)
1.5 m/s (300 ft/min)
2.0 m/s (400 ft/min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com