Electronic Components Datasheet Search
  English  ▼

X  

ALH60G48 Datasheet(PDF) 5 Page - Astec America, Inc

Part # ALH60G48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60G48 Datasheet(HTML) 5 Page - Astec America, Inc

  ALH60G48 Datasheet HTML 1Page - Astec America, Inc ALH60G48 Datasheet HTML 2Page - Astec America, Inc ALH60G48 Datasheet HTML 3Page - Astec America, Inc ALH60G48 Datasheet HTML 4Page - Astec America, Inc ALH60G48 Datasheet HTML 5Page - Astec America, Inc ALH60G48 Datasheet HTML 6Page - Astec America, Inc ALH60G48 Datasheet HTML 7Page - Astec America, Inc ALH60G48 Datasheet HTML 8Page - Astec America, Inc ALH60G48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 5 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Response
5 :
(
∆I
O/∆t = 1A/10µs ; VI = VIN,nom ;
TA = 25°C)
Load Change from IO = 50% to
75% of IO,max :
Peak Deviation Settling Time (to
VO,nom)
All
-
-
-
-
-
-
150
300
mV
µsec
Load Change from IO = 50% to
25% of IO,max :
Peak Deviation Settling Time (to
VO,nom)
All
-
-
-
-
-
-
150
300
mV
µsec
Turn-On Time
(IO = IO,max ; Vo within 1%)
All
-
-
4
10
msec
Output Voltage Overshoot
(IO = IO,max ; TA = 25°C)
All
-
-
0
4
%Vo
Note:
5. Refer to the Transient characteristics on Figures 7 and 8.
FEATURE SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Enable Pin Voltage :
Logic Low
Logic High
All
All
-0.7
2.95
-
-
1.2
10
V
V
Enable Pin Current :
Logic Low
Logic High (ILEAKAGE at 10V)
All
All
-
-
-
-
1.0
50
mA
µA
Module Output Voltage @ Logic Hi
AEH/ALH60x48N
-
-
0.2
V
Module Output voltage @ Logic Low
AEH/ALH60X48
-
-
0.2
V
Output Voltage Adjustment Range
6
All
-
90
-
110
%Vo
Output Overvoltage Clamp
3.3V
VO,CLAMP
3.90
4.10
5.00
V
Undervoltage Lockout
Turn-on Point
Turn-off Point
All
All
-
-
34.0
33.0
34.8
33.5
35.5
34.5
V
V
Isolation Capacitance
All
-
-
2700
-
PF
Isolation Resistance
All
-
10
-
-
M
Ω
Calculated MTBF
(IO = IO,max ; TA = 25°C)
All
-
-
TBD
-
Hours
Note:
6. For Output Voltage Adjustment setup, refer to Figures 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com