Electronic Components Datasheet Search
  English  ▼

X  

ALH60G48 Datasheet(PDF) 18 Page - Astec America, Inc

Part # ALH60G48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60G48 Datasheet(HTML) 18 Page - Astec America, Inc

Back Button ALH60G48 Datasheet HTML 13Page - Astec America, Inc ALH60G48 Datasheet HTML 14Page - Astec America, Inc ALH60G48 Datasheet HTML 15Page - Astec America, Inc ALH60G48 Datasheet HTML 16Page - Astec America, Inc ALH60G48 Datasheet HTML 17Page - Astec America, Inc ALH60G48 Datasheet HTML 18Page - Astec America, Inc ALH60G48 Datasheet HTML 19Page - Astec America, Inc ALH60G48 Datasheet HTML 20Page - Astec America, Inc ALH60G48 Datasheet HTML 21Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 18 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Young’s Stability Curves
PHASE MARGIN
Figure 23. Young’s Stability Curve – Phase Margin
100
1 .10
3
1 .10
4
1 .10
5
1 .10
3
0.01
0.1
1
YSC IMPEDANCE MAGNITUDE in OHMS
100
1 .10
3
1 .10
4
1 .10
5
150
100
50
0
50
Frequency
_______15°
_______30°
_______45°
_______60°
_______75°
_______90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com