Electronic Components Datasheet Search
  English  ▼

X  

ALH60G48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALH60G48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60G48 Datasheet(HTML) 1 Page - Astec America, Inc

  ALH60G48 Datasheet HTML 1Page - Astec America, Inc ALH60G48 Datasheet HTML 2Page - Astec America, Inc ALH60G48 Datasheet HTML 3Page - Astec America, Inc ALH60G48 Datasheet HTML 4Page - Astec America, Inc ALH60G48 Datasheet HTML 5Page - Astec America, Inc ALH60G48 Datasheet HTML 6Page - Astec America, Inc ALH60G48 Datasheet HTML 7Page - Astec America, Inc ALH60G48 Datasheet HTML 8Page - Astec America, Inc ALH60G48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Technical Reference Notes
Hercules (AEH/ALH60) Open
Frame or HS Adapted
MODEL: AEH/ALH60F48
SHEET 1 OF 21
SEPTEMBER 26, 2002 - REVISION 02
AEH60F48 /ALH60F48 Isolated DC/DC Converter Module
Industry Standard ½ Brick – 36-75V Input, 3.3V / 60A Output
The AEH60F48 / ALH60F48 is part of Astec’s New Ultra High Density ½ Brick family capable of running 60Amps at 3.3V
output. With Efficiencies up to 92% typical at 3.3V - 60Amps, this product provides a 1% to 2% performance increase in
efficiency over the leading 60Amp competitors and up to 10% higher output current. The operating temperature range (-
40°C to 85°C for the ALH; -40°C to 100°C baseplate for AEH) assures maximum application flexibility. New single-
output models feature superior transient response with excellent stability in high capacitance/low ESR load applications.
This family has an effective thermal adapter plate which allows for heat sinking under particularly harsh conditions.
Without the adapter plate (ALH60) provides a very effective low profile which performs extremely well in convection
cooled applications.
Environmental Specifications
•
Operating temperature:
-40°C to +85°C for Open Frame (ALH60)
-40°C to +100°C (Baseplate) for (AEH60)
•
Storage temperature: -40°C to +125C
•
MTBF: >1 million hours
Electrical Parameters
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
91%@3.3V (Typical @ 60
Amps)
Control
Enable
TTL compatible
(Positive & Negative enable options)
Output
Regulation
(Line, Load, Temp)
<2%
Ripple and Noise
2% typical (100mV p-p
max)
Remote Sense
Up to 10%Vout
Output Voltage
Adjust Range
±10% of nominal output
Transient Response
150mV max deviation with
50% to 75% full load
300 µS (max) recovery
Over Voltage
Protection
130% nominal
Special Features
•
High efficiency, 92% (30-70%Load))
•
-40°C to 100°C baseplate operating temp
•
Open Frame version also available
(ALH60)
•
Positive and Negative enable function
•
Low output ripple and noise
•
High capacitive load limit
•
Remote sense compensation
•
Regulation to zero load
•
Fixed frequency switching (190 KHz)
Safety
§
UL, cUL 60950 Recognized
§
EN 60950 through TUV-PS
Industry Standard
½ Brick Package


Similar Part No. - ALH60G48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH60G48 ASTEC-ALH60G48 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
logo
Emerson Network Power
ALH60G48 EMERSON-NETWORKPOWER-ALH60G48 Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
ALH60G48N EMERSON-NETWORKPOWER-ALH60G48N Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
More results

Similar Description - ALH60G48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
Industry standard Eighth-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com