Electronic Components Datasheet Search
  English  ▼

X  

MIC4607A Datasheet(PDF) 32 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 32 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 28Page - Microchip Technology MIC4607A Datasheet HTML 29Page - Microchip Technology MIC4607A Datasheet HTML 30Page - Microchip Technology MIC4607A Datasheet HTML 31Page - Microchip Technology MIC4607A Datasheet HTML 32Page - Microchip Technology MIC4607A Datasheet HTML 33Page - Microchip Technology MIC4607A Datasheet HTML 34Page - Microchip Technology MIC4607A Datasheet HTML 35Page - Microchip Technology MIC4607A Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
MIC4607A
DS-20006957A-page 32
 2024 Microchip Technology Inc. and its subsidiaries
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information. Package may or may not include the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
4607A-X
YYWWNNN
4607A-1
2310256
28-Lead 4 x 5 mm VQFN*
Example
3
e
3
e
Note:
-X indicates the Input option. 1 for Dual Inputs, 2 for Single PWM Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com