Electronic Components Datasheet Search
  English  ▼

X  

MIC4607A Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 3Page - Microchip Technology MIC4607A Datasheet HTML 4Page - Microchip Technology MIC4607A Datasheet HTML 5Page - Microchip Technology MIC4607A Datasheet HTML 6Page - Microchip Technology MIC4607A Datasheet HTML 7Page - Microchip Technology MIC4607A Datasheet HTML 8Page - Microchip Technology MIC4607A Datasheet HTML 9Page - Microchip Technology MIC4607A Datasheet HTML 10Page - Microchip Technology MIC4607A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 7
MIC4607A
Switch Node Voltage Threshold
Signaling HO is Off
VSWTH
12.2
4
V—
Delay between HO FET Being
Considered Off to LO Turning
On
tLOON
—35
75
ns
—
Forced xLO On if VSWTH is Not
Detected
tSWTO
100
250
500
ns
—
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VIN =VEN =12V, VBOOST –VSW =3.3V,
VOUT =3.3V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
—
Lead Temperature
—
—
260
—
°C
Soldering, 10s
Storage Temperature Range
TS
-60
—
+150
°C
—
Maximum Junction Temperature
TJ
—
—
+125
°C
—
Package Thermal Resistances
Thermal Resistance, 4 mm × 5 mm,
VQFN-28
JA
—43
—
°C/W
—
Thermal Resistance, 4 mm × 5 mm,
VQFN-28
JC
—5
—
°C/W
—
DC CHARACTERISTICS (Note 1, 2) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = VxHB = 12V; VEN = 5V; VSS = VHS = 0V; No load on
xLO or xHO; TA = 25°C; unless noted. Bold values indicate -40°C< TJ < +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: “x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
2: Specification for packaged product only.
3: VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic
low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic
high.
4: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com