Electronic Components Datasheet Search
  English  ▼

X  

MIC4607A Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 2Page - Microchip Technology MIC4607A Datasheet HTML 3Page - Microchip Technology MIC4607A Datasheet HTML 4Page - Microchip Technology MIC4607A Datasheet HTML 5Page - Microchip Technology MIC4607A Datasheet HTML 6Page - Microchip Technology MIC4607A Datasheet HTML 7Page - Microchip Technology MIC4607A Datasheet HTML 8Page - Microchip Technology MIC4607A Datasheet HTML 9Page - Microchip Technology MIC4607A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
MIC4607A
DS-20006957A-page 6
 2024 Microchip Technology Inc. and its subsidiaries
High-Current Forward Voltage
VDH
—0.8
1
VIVDD-xHB = 50 mA
Dynamic Resistance
RD
—4
7
Ω
—
xLO Gate Driver
Low-Level Output Voltage
VOLL
—
0.3
0.6
V
IxLO = 50 mA
High-Level Output Voltage
VOHL
—
0.5
1
V
IxLO = 50 mA,
VOHL = VDD – VxLO
Peak Sink Current
IOHL
—1
—
A
VxLO = 0V
Peak Source Current
IOLL
—1
—
A
VxLO = 12V
xHO Gate Driver
Low-Level Output Voltage
VOLH
—0.3
0.6
V
IxHO = 50 mA
High-Level Output Voltage
VOHH
—0.5
1
V
IxHO = -50 mA,
VOHH = VxHB – VxHO
Peak Sink Current
IOHH
—1
—
A
VxHO = 0V
Peak Source Current
IOLH
—1
—
A
VxHO = 12V
Switching Specifications (LI/HI mode with inputs non-overlapping, assumes HS low before LI goes high and
LO low before HI goes high).
Lower Turn-Off Propagation
Delay (LI Falling to LO Falling)
tLPHL
—
35
75
ns
—
Upper Turn-Off Propagation
Delay (HI Falling to HO Falling)
tHPHL
—
35
75
ns
—
Lower Turn-On Propagation
Delay (LI Rising to LO Rising)
tLPLH
—
35
75
ns
—
Upper Turn-On Propagation
Delay (HI Rising to HO Rising)
tHPLH
—
35
75
ns
—
Output Rise/Fall Time
tR/F
—20
—
ns
CL = 1000 pF
Output Rise/Fall Time
(3V to 9V)
tR/F
—0.8
—
µs
CL = 0.1 µF
Minimum Input Pulse Width
that Changes the Output
tPW
—50
—
ns
Note 4
Switching Specifications PWM Mode (MIC4607A-2) or LI/HI mode (MIC4607A-1) with Overlapping LI/HI Inputs
Delay from PWM Going High /
LI Low, to LO Going Low
tLOOFF
—35
75
ns
—
LO Output Voltage Threshold
for LO FET to be Considered
Off
VLOOFF
—1.9
—
V
—
Delay from LO Off to HO Going
High
tHOON
—35
75
ns
—
Delay from PWM or HI Going
Low to HO Going Low
tHOOFF
—35
75
ns
—
DC CHARACTERISTICS (Note 1, 2) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = VxHB = 12V; VEN = 5V; VSS = VHS = 0V; No load on
xLO or xHO; TA = 25°C; unless noted. Bold values indicate -40°C< TJ < +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: “x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
2: Specification for packaged product only.
3: VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic
low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic
high.
4: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com