Electronic Components Datasheet Search
  English  ▼

X  

MIC4607A Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 31Page - Microchip Technology MIC4607A Datasheet HTML 32Page - Microchip Technology MIC4607A Datasheet HTML 33Page - Microchip Technology MIC4607A Datasheet HTML 34Page - Microchip Technology MIC4607A Datasheet HTML 35Page - Microchip Technology MIC4607A Datasheet HTML 36Page - Microchip Technology MIC4607A Datasheet HTML 37Page - Microchip Technology MIC4607A Datasheet HTML 38Page - Microchip Technology MIC4607A Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 35
MIC4607A
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y2
X2
3.50
2.50
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.90
Contact Pad Length (X28)
Contact Pad Width (X28)
Y1
X1
0.85
0.30
NOM
1
2
28
C1
Contact Pad Spacing
3.90
Contact Pad to Contact Pad (X24)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X28)
G1
0.28
28-Lead Very Thin Plastic Quad Flat, No Lead Package (HPB) - 4x5x1.0 mm Body [VQFN]
With 2.4x3.4 mm Exposed Pad and Stepped Wettable Flanks
Microchip Technology Drawing C04-23564 Rev B
E
X1
Y1
G1
G2
ØV
X2
Y2
EV
EV
C1
C2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com