Electronic Components Datasheet Search
  English  ▼

X  

MIC4607A Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 29Page - Microchip Technology MIC4607A Datasheet HTML 30Page - Microchip Technology MIC4607A Datasheet HTML 31Page - Microchip Technology MIC4607A Datasheet HTML 32Page - Microchip Technology MIC4607A Datasheet HTML 33Page - Microchip Technology MIC4607A Datasheet HTML 34Page - Microchip Technology MIC4607A Datasheet HTML 35Page - Microchip Technology MIC4607A Datasheet HTML 36Page - Microchip Technology MIC4607A Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 33
MIC4607A
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Sheet 1 of 2
2X
28X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
28-Lead Very Thin Plastic Quad Flat, No Lead Package (HPB) - 4x5x1.0 mm Body [VQFN]
With 2.4x3.4 mm Exposed Pad and Stepped Wettable Flanks
Microchip Technology Drawing C04-21564 Rev B
SECTION A–A
AA
NOTE1
(DATUM B)
(DATUM A)
NOTE 1
SEATING
PLANE
A1
(A3)
A
(K)
e
2
e
28X b
L
1
2
N
D
E
D3
A4
D2
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com