Electronic Components Datasheet Search
  English  ▼

X  

MIC4607A Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 5 Page - Microchip Technology

  MIC4607A Datasheet HTML 1Page - Microchip Technology MIC4607A Datasheet HTML 2Page - Microchip Technology MIC4607A Datasheet HTML 3Page - Microchip Technology MIC4607A Datasheet HTML 4Page - Microchip Technology MIC4607A Datasheet HTML 5Page - Microchip Technology MIC4607A Datasheet HTML 6Page - Microchip Technology MIC4607A Datasheet HTML 7Page - Microchip Technology MIC4607A Datasheet HTML 8Page - Microchip Technology MIC4607A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 5
MIC4607A
DC CHARACTERISTICS (Note 1, 2)
Electrical Characteristics: Unless otherwise indicated, VDD = VxHB = 12V; VEN = 5V; VSS = VHS = 0V; No load on
xLO or xHO; TA = 25°C; unless noted. Bold values indicate -40°C< TJ < +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Current
VDD Quiescent Current
IDD
—
390
750
µA
xLI = xHI = 0V
VDD Shutdown Current
IDDSH
—
2.2
10
µA
xLI = xHI = 0V;
EN = 0V with
HS = floating
—
58
150
xLI = xHI = 0V; EN = 0V;
HS = 0V
VDD Operating Current
IDDO
—
0.6
1.5
mA
f = 20 kHz
Per Channel xHB Quiescent
Current
IHB
—
20
75
µA
xLI = xHI = 0V or
xLI = 0V and xHI = 5V
Per Channel xHB Operating
Current
IHBO
—
30
400
µA
f = 20 kHz
xHB to VSS Current, Quiescent
IHBS
—
0.05
5
µA
VxHS = VxHB = 90V
xHB to VSS Current, Operating
IHBSO
—
30
—
µA
f = 20 kHz
Input (xLI, xHI, xPWM, EN) (Note 3)
Low-Level Input Voltage
VIL
——
0.8
V
—
High-Level Input Voltage
VIH
2.2
——
V
—
Input Voltage Hysteresis
VHYS
—
0.1
—
V
—
Input Pull-Down Resistance
RI
100
300
500
kΩ
xLI and xHI Inputs
(-1 Version)
50
130
250
xPWM Input (-2 Version)
Undervoltage Protection
VDD Falling Threshold
VDDF
3.8
4.4
4.9
V
—
VDD Threshold Hysteresis
VDDH
—
0.25
—
V
—
xHB Falling Threshold
VHBF
4.0
4.4
4.9
V
—
xHB Threshold Hysteresis
VHBH
—
0.25
—
V
—
Overcurrent Protection
Rising Overcurrent Threshold
VILIM+
175
200
225
mV
(VILIM+ – VILIM–)
ILIM Filter Time
tF_ILIM
800
1000
1200
ns
VILIM+ = 0.5V peak
ILIM to Gate Propagation
Delay
tILIM_PROP
—
1100
—
ns
VILIM+ = 0.5V peak
Fault Circuit
FLT/ Output Low Voltage
VOLF
—
0.2
0.5
V
VILIM = 1V; IFLT/ = 1 mA
Rising DLY Threshold
VDLY+
—
1.5
—
V
—
DLY Current Source
IDLY
0.3
0.44
0.6
µA
VDLY = 0V
Fault Clear Time
tFCL
—
670
—
µs
CDLY = 1 nF
Bootstrap Diode
Low-Current Forward Voltage
VDL
—0.4
0.70
VIVDD-xHB = 100 µA
Note 1: “x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
2: Specification for packaged product only.
3: VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic
low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic
high.
4: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com