Electronic Components Datasheet Search
  English  ▼

X  

2016L030 Datasheet(PDF) 2 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 2 Page - Littelfuse

  2016L030 Datasheet HTML 1Page - Littelfuse 2016L030 Datasheet HTML 2Page - Littelfuse 2016L030 Datasheet HTML 3Page - Littelfuse 2016L030 Datasheet HTML 4Page - Littelfuse 2016L030 Datasheet HTML 5Page - Littelfuse 2016L030 Datasheet HTML 6Page - Littelfuse 2016L030 Datasheet HTML 7Page - Littelfuse 2016L030 Datasheet HTML 8Page - Littelfuse 2016L030 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
0805L Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Surface Mount
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
0805L010
0.14
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
0805L020
0.28
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
0805L035
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
0805L050
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
0805L075
1.00
0.90
0.79
0.75
0.63
0.57
0.53
0.41
0.34
0805L100
1.35
1.25
1.10
1.00
0.82
0.74
0.65
0.55
0.42
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
0.100
1
10
100
0.02
0805L Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.10
Theaveragetimecurrentcurvesandtemperaturereratingcurveperformanceisaffected
byanumberorvariables,andthesecurvesprovidedasguidanceonly.Customermust
verifytheperformanceintheirapplication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com