Electronic Components Datasheet Search
  English  ▼

X  

2016L030 Datasheet(PDF) 3 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 3 Page - Littelfuse

  2016L030 Datasheet HTML 1Page - Littelfuse 2016L030 Datasheet HTML 2Page - Littelfuse 2016L030 Datasheet HTML 3Page - Littelfuse 2016L030 Datasheet HTML 4Page - Littelfuse 2016L030 Datasheet HTML 5Page - Littelfuse 2016L030 Datasheet HTML 6Page - Littelfuse 2016L030 Datasheet HTML 7Page - Littelfuse 2016L030 Datasheet HTML 8Page - Littelfuse 2016L030 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse
0805L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Environmental Specifications
Operating/Storage
Temperature
-40°Cto+85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C,1000hours
±5%typicalresistancechange
Humidity Aging
+85°C,85%R.H.1000hours
±5%typicalresistancechange
Thermal Shock
MIL-STD-202Method107G
+85°C/-40°C20times
-30%typicalresistancechange
Solvent Resistance
MIL-STD-202,Method215
Nochange
Vibration
MIL-STD-883C,Method
2007.1,ConditionA
Nochange
Physical Specifications
Terminal Material
Gold-PlatedCopperorSolder-Plated
Copper(SolderMaterial:MatteTin(Sn))
Lead Solderability
MeetsEIASpecificationRS186-9E,ANSI/
J-STD-002Category3.
Soldering Parameters
Condition
Reflow
Peak Temp/ Duration Time
260°C/10Sec
Time above liquids (TAL) 220°C
60Sec~100Sec
Preheat 120°C~ 180°C
50Sec~150Sec
Storage Condition
0°C~35°C,<
=70%RH
•Recommendedreflowmethods:IR,vaporphaseoven,hotair
oven,N
2environmentforlead-free
•Devicesarenotdesignedtobewavesolderedtothebottomside
oftheboard.
•Recommendedmaximumpastethicknessis0.25mm(0.010inch)
•Devicescanbecleanedusingstandardindustrymethodsand
solvents.
Note:Ifreflowtemperaturesexceedtherecommendedprofile,
devicesmaynotmeettheperformancerequirements.
Preheating
120
180
220
260
0
60 to 100
Soldering
Cooling
120
50 to 150
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com