Electronic Components Datasheet Search
  English  ▼

X  

2016L030 Datasheet(PDF) 39 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 39 Page - Littelfuse

Back Button 2016L030 Datasheet HTML 35Page - Littelfuse 2016L030 Datasheet HTML 36Page - Littelfuse 2016L030 Datasheet HTML 37Page - Littelfuse 2016L030 Datasheet HTML 38Page - Littelfuse 2016L030 Datasheet HTML 39Page - Littelfuse 2016L030 Datasheet HTML 40Page - Littelfuse 2016L030 Datasheet HTML 41Page - Littelfuse 2016L030 Datasheet HTML 42Page - Littelfuse 2016L030 Datasheet HTML 43Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
POLYFUSE® Resettable PTCs
Axial Leaded Strap
www.littelfuse.com
©2006 Littelfuse
0
Electronics Designers Guide
Environmental Specifications
Operating/Storage
Temperature
-40°Cto+85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+70°C,1000hours
±5%typicalresistancechange
Humidity Aging
+85°C,85%R.H.7days
±5%typicalresistancechange
Vibration
MIL-STD-883C,ConditionA
Nochange
Physical Specifications
Lead Material
0.13mmnominalthickness,
quarter-hardnickel
Insulating Material Polyestertape
Part Marking System
QUANTITY CODE: U = 500 (bulk)
VOLTAGE RATING (VDC)
SERIES
HOLD CURRENT (VALUE DIVIDED BY 100 = HOLD CURRENT IN AMPS)
LEAD OPTIONS: Blank = standard
S = slit lead
15 ST 175 S U
Packaging
Dimensions
E
B
D1
D2
C
A
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
Figure 1
Figure 2
Lot Number
(Contact Littelfuse
for additional
information)
Marking
Marking
ST
120
XX9U
Product Series
Current Rating
Littelfuse
Trademark
Top Side
Part
Number
A
B
C
D1
D2
E
Fig.
Inches
mm
Inches
mm
Inches
mm
Inches mm Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Min. Min. Min.
Min Max. Min. Max.
15ST120
0.78
0.87
19.9
22.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.22
5.5
0.22
5.5
0.01
0.22
3.9
4.1
1
15ST120S 0.78
0.87
19.9
22.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.22
5.5
0.22
5.5
0.01
0.22
3.9
4.1
2
15ST175
0.82
0.91
20.9
23.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.16
4.1
0.16
4.1
0.01
0.16
3.9
4.1
1
15ST175S 0.82
0.91
20.9
23.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.16
4.1
0.16
4.1
0.01
0.16
3.8
4.2
2
E
B
D1
D2
C
A
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
Figure 1
Figure 2
Lot Number
(Contact Littelfuse
for additional
information)
Marking
Marking
ST
120
XX9U
Product Series
Current Rating
Littelfuse
Trademark
Top Side
Part Numbering System
I
hold
(A)
Packaging
Option
Quantity
Quantity &
Packaging Codes
AllRatings
Bulk
500
U
ST Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com