Electronic Components Datasheet Search
  English  ▼

X  

2016L030 Datasheet(PDF) 61 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 61 Page - Littelfuse

Back Button 2016L030 Datasheet HTML 57Page - Littelfuse 2016L030 Datasheet HTML 58Page - Littelfuse 2016L030 Datasheet HTML 59Page - Littelfuse 2016L030 Datasheet HTML 60Page - Littelfuse 2016L030 Datasheet HTML 61Page - Littelfuse 2016L030 Datasheet HTML 62Page - Littelfuse 2016L030 Datasheet HTML 63Page - Littelfuse 2016L030 Datasheet HTML 64Page - Littelfuse 2016L030 Datasheet HTML 65Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Temperature Rerating Curve
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
30R090
1.31
1.17
1.04
0.90
0.75
0.69
0.61
0.55
0.47
30R110
1.60
1.43
1.27
1.10
0.91
0.85
0.75
0.67
0.57
30R135
1.96
1.76
1.55
1.35
1.12
1.04
0.92
0.82
0.70
30R160
2.32
2.08
1.84
1.60
1.33
1.23
1.09
0.98
0.83
30R185
2.68
2.41
2.13
1.85
1.54
1.42
1.26
1.13
0.96
30R250
3.63
3.25
2.88
2.50
2.08
1.93
1.70
1.53
1.30
30R300
4.35
3.90
3.45
3.00
2.49
2.31
2.04
1.83
1.56
30R400
5.80
5.20
4.60
4.00
3.32
3.08
2.72
2.44
2.08
30R500
7.25
6.50
5.75
5.00
4.15
3.85
3.40
3.05
2.60
30R600
8.70
7.80
6.90
6.00
4.98
4.62
4.08
3.66
3.12
30R700
10.15
9.10
8.05
7.00
5.81
5.39
4.76
4.27
3.64
30R800
11.60
10.40
9.20
8.00
6.64
6.16
5.44
4.88
4.16
30R900
13.05
11.70
10.35
9.00
7.47
6.93
6.12
5.49
4.68
Temperature Rerating
Average Time Current Curves
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
1
10
100
1000
0.20
30R Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.16
Theaveragetimecurrentcurvesandtemperaturereratingcurveperformanceisaffected
byanumberorvariables,andthesecurvesprovidedasguidanceonly.Customermust
verifytheperformanceintheirapplication.
0R Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com