Electronic Components Datasheet Search
  English  ▼

X  

2016L030 Datasheet(PDF) 21 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 21 Page - Littelfuse

Back Button 2016L030 Datasheet HTML 17Page - Littelfuse 2016L030 Datasheet HTML 18Page - Littelfuse 2016L030 Datasheet HTML 19Page - Littelfuse 2016L030 Datasheet HTML 20Page - Littelfuse 2016L030 Datasheet HTML 21Page - Littelfuse 2016L030 Datasheet HTML 22Page - Littelfuse 2016L030 Datasheet HTML 23Page - Littelfuse 2016L030 Datasheet HTML 24Page - Littelfuse 2016L030 Datasheet HTML 25Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse

Electronics Designers Guide
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
2016L030
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.18
0.14
2016L050
0.93
0.80
0.65
0.50
0.38
0.32
0.25
0.19
0.09
2016L100
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L100/33
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L150
2.26
2.00
1.76
1.50
1.24
1.13
1.00
0.87
0.68
2016L200
2.80
2.50
2.19
2.00
1.84
1.74
1.50
1.34
1.14
Temperature Rerating
Temperature Rerating Curve
Average Time Current Curves
A: 2016L050
 2016L100
 2016L200
B: 2016L030
 2016L100/33
 2016L150
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
1
10
100
1000
0.20
2016L Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.10
Theaveragetimecurrentcurvesandtemperaturereratingcurveperformanceisaffected
byanumberorvariables,andthesecurvesprovidedasguidanceonly.Customermust
verifytheperformanceintheirapplication.
0L Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com