Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7044
Description  Evaluating the HMC7044 Dual Loop Clock Jitter Cleaner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 4 Page - Analog Devices

  HMC7044 Datasheet HTML 1Page - Analog Devices HMC7044 Datasheet HTML 2Page - Analog Devices HMC7044 Datasheet HTML 3Page - Analog Devices HMC7044 Datasheet HTML 4Page - Analog Devices HMC7044 Datasheet HTML 5Page - Analog Devices HMC7044 Datasheet HTML 6Page - Analog Devices HMC7044 Datasheet HTML 7Page - Analog Devices HMC7044 Datasheet HTML 8Page - Analog Devices HMC7044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UG-826
EK1HMC7044LP10B User Guide
Rev. 0 | Page 4 of 10
EVALUATION BOARD SOFTWARE SETUP
Follow the instructions included in this section to set up the
HMC7044 evaluation software.
INSTALLING THE SOFTWARE
Do not connect the evaluation board until the software
installation is completed.
1.
Download the installer from HMC7044 product page at
www.analog.com.
2.
Double-click setup.exe from the installer file. Follow the
installation instructions. The default location for the
evaluation software is C:\Program Files (x86)\Analog
Devices\Jitter Attenuator\
.
3.
After the installation completes, the user is prompted to
install the drivers for the USB interface.
STARTING THE SOFTWARE
After the evaluation software is installed, run the software as
follows:
1.
Power up and connect the evaluation board to the PC.
2.
Double-click HMC7044 GUI to run the HMC7044
evaluation software.
3.
If the evaluation board was found, the main window of the
evaluation board software appears directly. Proceed to the
Evaluation Board Software Operation section for more
details about using the software.
4.
If the evaluation board was not found, a dialog box appears
to select either HMC7044 offline mode or HMC7043
offline mode (see Figure 4). Offline mode is useful for
viewing and generating register setup files.
Figure 3. Select USB Device Window—Evaluation Board Not Found
(Offline Mode)
5.
If multiple HMC7044 evaluation boards are connected to
the same PC, a hardware selection dialog box appears (see
Figure 4). The text in this window is either a serial number,
OFFLINE HMC7044
, or OFFLINE HMC7043. Select the
serial number and click OK.
Figure 4. Select USB Device Window—Multiple Evaluation Boards Found
6.
If the evaluation software cannot detect the evaluation
board, restart the power supply and connect/disconnect
the USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com