Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC7044
Description  Evaluating the HMC7044 Dual Loop Clock Jitter Cleaner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 2Page - Analog Devices HMC7044 Datasheet HTML 3Page - Analog Devices HMC7044 Datasheet HTML 4Page - Analog Devices HMC7044 Datasheet HTML 5Page - Analog Devices HMC7044 Datasheet HTML 6Page - Analog Devices HMC7044 Datasheet HTML 7Page - Analog Devices HMC7044 Datasheet HTML 8Page - Analog Devices HMC7044 Datasheet HTML 9Page - Analog Devices HMC7044 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EK1HMC7044LP10B User Guide
UG-826
Rev. 0 | Page 9 of 10
The output termination selection shown in Figure 21 is accessed
by clicking any of the drop-down lists under DRIVER in the
OUTPUTS
tab (see Figure 19). It is important to power down
unused outputs on the evaluation board because they can be a
major source of unwanted spurs.
Even numbered outputs (CLKOUTx/CLKOUTx pins) are ac-
coupled with 150 Ω to ground for each leg on the board by
default. Odd numbered outputs (SCLKOUTx/SCLKOUTx pins)
are ac-coupled with 100 Ω to VCC internally; no termination
resistors are on the board by default. This termination scheme is
ideal for CML drivers. However, this scheme degrades the CMOS
driver performance. Improved CMOS driver performance is
achieved by removing the termination resistors. For LVDS drivers,
differential 100 Ω resistor must be populated on the board.
Figure 21. Output Termination Selection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com