Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC7044
Description  Evaluating the HMC7044 Dual Loop Clock Jitter Cleaner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 3 Page - Analog Devices

  HMC7044 Datasheet HTML 1Page - Analog Devices HMC7044 Datasheet HTML 2Page - Analog Devices HMC7044 Datasheet HTML 3Page - Analog Devices HMC7044 Datasheet HTML 4Page - Analog Devices HMC7044 Datasheet HTML 5Page - Analog Devices HMC7044 Datasheet HTML 6Page - Analog Devices HMC7044 Datasheet HTML 7Page - Analog Devices HMC7044 Datasheet HTML 8Page - Analog Devices HMC7044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EK1HMC7044LP10B User Guide
UG-826
Rev. 0 | Page 3 of 10
EVALUATION BOARD HARDWARE
The following instructions are for setting up the physical
connections to the EV3HMC7044LP10B evaluation board.
CHECKING JUMPER CONNECTIONS
Remove all jumpers (JP2 and JP3).
SETTING UP THE POWER AND PC CONNECTIONS
Set up the power and PC connections as follows:
1.
Install the HMC7044 evaluation software before
connecting the evaluation board to the PC for the first time
(see the Installing the Software section). Administrative
privileges are required for the installation.
2.
Connect a 5 V supply voltage to Test Point TP38 of the
evaluation board.
3.
Connect the USB interface board to the evaluation board,
as shown in Figure 2.
4.
Connect the USB cable to the USB interface and the PC.
5.
The Found New Hardware Wizard automatically appears
when the USB interface is connected. Select Install the
software automatically
and then click Next.
6.
The Found New Hardware Wizard may appear twice
during the installation.
See the Evaluation Board Software section for details on
running the HMC7044 board software.
SETTING UP THE SIGNAL CONNECTIONS
After setting up the power and PC connections, use the
following procedure to set up signal connections:
1.
Connect a signal generator to the CLKIN0_RFSYNC_P
SMA Connector J11. By default, the reference inputs on the
evaluation board are ac-coupled. Terminate the
CLKIN0_RFSYNC_N SMA Connector J10 with a 50 Ω
termination. An amplitude setting of 6 dBm from the
signal generator is sufficient.
2.
Connect an oscilloscope, spectrum analyzer, or other
lab equipment to any output of the CLKOUTx_P or
CLKOUTx_N SMA connectors. Place a 50 Ω termination
on all unused differential output pairs.
BYPASSING THE 5 V LDO POWER SUPPLY
The evaluation board contains three on-board, low dropout
regulators (LDOs) to regulate 5 V to 3.3 V supply domain. The
evaluation board can be configured to bypass linear regulators,
which is useful for measuring HMC7044 power consumption.
See the evaluation board schematics provided on the
EK1HMC7044LP10B product page at www.analog.com.
Bypass the 5 V two on-board LDOs for the HMC7044 as follows:
1.
Remove the on-board LDOs (U2 and U4).
2.
Populate R241, FB10, C105, C154, and C159 for
VCC1_VCO.
3.
Remove R245 and FB20.
4.
Populate R12 (to isolate the SPI interface board current
consumption from the HMC7044).
Connect a bench 3.3 V power supply to each of the supply pins
on the 3.3 V main header (TP15).
Note that it is very important to not have the 5 V supply
connected to TP15 of the evaluation board.
Connect a bench 5.0 V power supply to TP38 for the on-board
LDO of the VCXO supply, VCC_VCXO.
Figure 2. HMC7044 Evaluation Kit Setup



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com