Electronic Components Datasheet Search
  English  ▼

X  

AV22LB402 Datasheet(PDF) 3 Page - APEM

Part # AV22LB402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LB402 Datasheet(HTML) 3 Page - APEM

  AV22LB402 Datasheet HTML 1Page - APEM AV22LB402 Datasheet HTML 2Page - APEM AV22LB402 Datasheet HTML 3Page - APEM AV22LB402 Datasheet HTML 4Page - APEM AV22LB402 Datasheet HTML 5Page - APEM AV22LB402 Datasheet HTML 6Page - APEM AV22LB402 Datasheet HTML 7Page - APEM AV22LB402 Datasheet HTML 8Page - APEM AV22LB402 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
B-90
APEM
www.apem.com
AV series
Anti-vandal pushbutton switches
Distinctive features and specifications
B
SPECIFICATIONS
• Max. current/voltage rating with resistive load (C contacts) : 2A 48 VDC
• Approved ratings of models with long case and A contacts (AV..000) :
UL-CSA : 4A 250VAC - 8A 125VAC - 6.000 cycles
• Initial contact resistance : 10 mΩ max. at 1A 2V
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.000 Vrms 50 Hz min. between terminals and frame
2.000 Vrms 50 Hz min. between terminals
• Electrical life : 10.000 cycles at full load
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 11 mm (.433) max.
• Operating temperature : -30°C to +70°C
• Mechanical life : 1.000.000 cycles
• Packaging unit : 20 pieces (models Ø 22) or 40 pieces (models Ø 19)
MATERIALS
• Case : PBT
• Contacts : brass, silver plated (C)
or silver (A)
• Bushing : stainless steel
• Actuator : stainless steel
CUT
-OUTS
• Panel cut-out :
Ø 19,2 mm (.755)
or Ø 22,2 mm (.874)
• Min. pitch for matrix mounting :
30 mm (1.181) x 30 mm (1.181)
ROBUSTNESS
SEALING
( OPTION T )
Model Ø 19 mm (.748)
Model Ø 22 mm (.866)
Impacts on actuator
according to
CECC 96000
Hammer radius 10 mm
0.3 Kg
34 cm
10 strokes
Striking energy:
1 joule (1Nm)
10 strokes
Striking energy:
5 joules (5Nm)
34 cm
1.5 Kg
Degree of protection
according to
EN 50102, June 95
(NFC 20-015)
Hammer radius 25 mm
Hammer radius 50 mm
IK08
Striking energy:
5 joules
(5Nm)
1.7 Kg
29.5 cm
IK10
Striking energy:
20 joules
(20Nm)
5 Kg
40 cm
❑ Increased impact resistance provided by a nut
or mechanical stop
❑ Stainless steel actuator and bushing
❑ UL-CSA approved (long case only)
➀ internal gasket ➁ external gasket
Front panel sealing (IP65)
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com