Electronic Components Datasheet Search
  English  ▼

X  

AV22LB402 Datasheet(PDF) 7 Page - APEM

Part # AV22LB402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LB402 Datasheet(HTML) 7 Page - APEM

Back Button AV22LB402 Datasheet HTML 3Page - APEM AV22LB402 Datasheet HTML 4Page - APEM AV22LB402 Datasheet HTML 5Page - APEM AV22LB402 Datasheet HTML 6Page - APEM AV22LB402 Datasheet HTML 7Page - APEM AV22LB402 Datasheet HTML 8Page - APEM AV22LB402 Datasheet HTML 9Page - APEM AV22LB402 Datasheet HTML 10Page - APEM AV22LB402 Datasheet HTML 11Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
B-94
APEM
www.apem.com
AV series
Security pushbutton switches with large actuator
Bushing Ø 24 (.944) - low profile - momentary (combined NC/NO)
B
4
Curved actuator
AV24LB402
Recessed actuator
AV24LC402
Flat actuator - solder lug terminals - AV24LP
Hex nut 27 (1.062) across flats
(1.213)
(.051)
1.30
(.157)
4.00
(.559)
14.20
30.80
(.094)
2.40
AV24LP402
BASIC MODEL
OTHER CONFIGURATIONS
Models with non-anodized actuator
CODE
BUSHING
ACTUATOR
40 (standard) Stainless steel
Stainless steel
20
Chrome plated brass
Chrome plated brass
Models with anodized actuator
CODE
BUSHING
ACTUATOR COLOUR
1
•
Black chrome plated brass
2
•Chrome plated brass
4•
Stainless steel
2 (standard)
NC/NO, solder lug terminals
4
NC/NO, quick-connect terminals
BUSHING
/ACTUATOR MATERIAL
CONTACT
/ TERMINALS
For non-standard material, replace 40 with one of the following codes.
➞ O-ring
ø1.40
(.055 DIA)
(.110)
2.80
Replace • with one of the following codes :
1
: blue - 2 : black - 3 : pale green - 3F : dark green - 4 : natural - 5 : gold yellow
6
: red - 6B : maroon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com