Electronic Components Datasheet Search
  English  ▼

X  

AV22LB402 Datasheet(PDF) 8 Page - APEM

Part # AV22LB402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LB402 Datasheet(HTML) 8 Page - APEM

Back Button AV22LB402 Datasheet HTML 4Page - APEM AV22LB402 Datasheet HTML 5Page - APEM AV22LB402 Datasheet HTML 6Page - APEM AV22LB402 Datasheet HTML 7Page - APEM AV22LB402 Datasheet HTML 8Page - APEM AV22LB402 Datasheet HTML 9Page - APEM AV22LB402 Datasheet HTML 10Page - APEM AV22LB402 Datasheet HTML 11Page - APEM AV22LB402 Datasheet HTML 12Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
APEM
www.apem.com
B-95
AV series
Mushroom head security pushbutton switches
Bushing Ø 22 (.866) - momentary (combined NC/NO)
B
4
Combined NC/NO
SPECIFICATIONS
• Max. current/voltage rating with resistive load : 5A 250VAC
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 1.000.000 cycles at 1A 250VAC
50.000 cycles at full load
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 6 mm (.236) max.
• Operating temperature : -20°C to +55°C
• Mechanical life : 1.000.000 cycles
• Front panel sealing : IP65
• Packaging unit : 16 pieces
MATERIALS
• Case : polyester, glass filled
• Contacts : silver/nickel alloy
• Bushing : brass, nickel plated
• Actuator : aluminium, anodized
CUT
-OUT
• Panel cut-out : Ø 22,2 (.874)
• Min. pitch for matrix mounting :
30 mm x 30 mm (1.181x1.181)
ORDER FORMAT
Series
Bushing
diameter
Bush./act.
config.
Actuator
colour
Contact/
terminals
AV
22
see
below
2
4
PNA
Solder lug terminals - red actuator - AV22PNA
Hex nut 25 (.984) across flats
(O-ring)
10.80
(.425)
4.00
(.157)
(.334)
Joint
25.00
(.984)
8.50
(.094)
2.40
AV22PNA62
BASIC MODEL
1
: blue - 2 : black - 3 : pale green - 3F : dark green - 4 : natural - 5 : gold yellow - 6 : red - 6B : maroon
ACTUATOR ANODIZATION COLOUR
2 (standard)
NC/NO, solder lug terminals
4
NC/NO, quick-connect terminals
CONTACT
/ TERMINALS
ø1.40
(.055 DIA)
(.110)
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com