Electronic Components Datasheet Search
  English  ▼

X  

AV22LB402 Datasheet(PDF) 4 Page - APEM

Part # AV22LB402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LB402 Datasheet(HTML) 4 Page - APEM

  AV22LB402 Datasheet HTML 1Page - APEM AV22LB402 Datasheet HTML 2Page - APEM AV22LB402 Datasheet HTML 3Page - APEM AV22LB402 Datasheet HTML 4Page - APEM AV22LB402 Datasheet HTML 5Page - APEM AV22LB402 Datasheet HTML 6Page - APEM AV22LB402 Datasheet HTML 7Page - APEM AV22LB402 Datasheet HTML 8Page - APEM AV22LB402 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
APEM
www.apem.com
B-91
AV series
Anti-vandal pushbutton switches
Bushing Ø 19 (.748) - momentary (NO)
B
NO
(function 3)
Short case - flat actuator - AV09100...40N
Hex nut 22 (.866) across flats
7.30
(.287)
2.00
(.078)
(.374)
9.50
6.50
(.255)
(.118)
3.00
ø19.00x1.00 SI
(.748DIAx1.00 IS)
3.00
(.118)
(.196)
5.00
EPOXY
2.80
(.110)
Screw terminals
AV091003C940N
Solder lug /
quick-connect term.
AV091003C240N
ORDER FORMAT
Series
Bush./act.
config.
Case
style
Function
Contact
material
Terminal
type
Bush./act.
material
Sealing
AV
09
19
9D
100
000
3
9
2
C
A
40
N
T
Long case - flat actuator - UL-CSA approved - AV09000...40N
Hex nut 22 (.866) across flats
6.50
(.255)
(.283)
7.20
(.456)
11.60
(.196)
5.00
2.00
(.078)
Ø19.00x1.00 SI
3.00
(.748DIAx1.00 IS)
(.118)
Screw terminals
AV090003A940N
Curved actuator
Screw terminals
AV19•003C940N
Solder lug / quick-connect terminals
AV19•003C240N
Flush model
Screw terminals
AV9D•003C940N
Solder lug / quick-connect terminals
AV9D•003C240N
OTHER CONFIGURATIONS
BASIC MODEL
(.590DIA)
(.866DIA)
Ø15.00
Ø22.00
(.866DIA)
Ø22.00
(.874DIA Min.)
(.755DIA)
Ø19.20
Ø22.20 Mini
To order a sealed product, replace N
with T at the end of P/N.
Case style
: replace • with 1 for short case and 0 for long case.
New!
Screw terminals for wires 1,5 mm2 max.
Screw terminals for wires 1,5 mm2 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com