Electronic Components Datasheet Search
  English  ▼

X  

AV22LB402 Datasheet(PDF) 5 Page - APEM

Part # AV22LB402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LB402 Datasheet(HTML) 5 Page - APEM

  AV22LB402 Datasheet HTML 1Page - APEM AV22LB402 Datasheet HTML 2Page - APEM AV22LB402 Datasheet HTML 3Page - APEM AV22LB402 Datasheet HTML 4Page - APEM AV22LB402 Datasheet HTML 5Page - APEM AV22LB402 Datasheet HTML 6Page - APEM AV22LB402 Datasheet HTML 7Page - APEM AV22LB402 Datasheet HTML 8Page - APEM AV22LB402 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
B-92
APEM
www.apem.com
AV series
Anti-vandal pushbutton switches
Bushing Ø 22 (.866) - momentary (NO)
B
Long case - flat actuator - UL-CSA approved - AV03000...40N
Short case - flat actuator - AV03100...40N
Hex nut 25 (.984) across flats
ø22.00x1.00 SI
(.866DIAx1.00 IS)
5.00
(.196)
6.30
(.248)
(.500)
12.70
3.00
(.118)
(.078)
2.00
EPOXY
(.110)
2.80
(.287)
7.30
Screw terminals
AV031003C940N
Solder lug /
quick-connect term.
AV031003C240N
Screw terminals
AV030003A940N
Hex nut 25 (.984) across flats
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
5.00
(.196)
10.00
(.248)
(.590)
15.00
3.00
(.118)
(.078)
2.00
Curved actuator
Screw terminals
AV02•003C940N
Solder lug / quick-connect term.
AV02•003C240N
Flatted bushing
Flat actuator
Screw terminals
AVM3•003C940N
Curved actuator
Screw terminals
AVM2•003C940N
OTHER CONFIGURATIONS
Ø15.00
(.590DIA)
Ø25.00
(.984DIA)
(.984DIA)
Ø25.00
(.590DIA)
Ø15.00
(.393
10.00
Ø22.20
(.874DIA)
)
NO
(function 3)
ORDER FORMAT
Series
Bush./act.
config.
Case
style
Function
Contact
material
Terminal
type
Bush./act.
material
Sealing
AV
03
02
M3
M2
100
000
3
C
9
2
C
A
40
N
T
BASIC MODEL
To order a sealed product, replace N
with T at the end of P/N.
Case style
: replace • with 1 for short case and 0 for long case.
New!
Screw terminals for wires 1,5 mm2 max.
Screw terminals for wires 1,5 mm2 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com