Electronic Components Datasheet Search
  English  ▼

X  

AV22LB402 Datasheet(PDF) 6 Page - APEM

Part # AV22LB402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LB402 Datasheet(HTML) 6 Page - APEM

Back Button AV22LB402 Datasheet HTML 2Page - APEM AV22LB402 Datasheet HTML 3Page - APEM AV22LB402 Datasheet HTML 4Page - APEM AV22LB402 Datasheet HTML 5Page - APEM AV22LB402 Datasheet HTML 6Page - APEM AV22LB402 Datasheet HTML 7Page - APEM AV22LB402 Datasheet HTML 8Page - APEM AV22LB402 Datasheet HTML 9Page - APEM AV22LB402 Datasheet HTML 10Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
APEM
www.apem.com
B-93
AV series
Security pushbutton switches with large actuator
Bushing Ø 22 (.866) - momentary (combined NC/NO)
B
Combined NC/NO
Recessed actuator
AV22LC402
Curved actuator
AV22LB402
SPECIFICATIONS
• Max. current/voltage rating with resistive load : 5A 250VAC
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 1.000.000 cycles at 1A 250VAC
50.000 cycles at full load
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 6 mm (.236) max.
• Operating temperature : -20°C to +55°C
• Mechanical life : 3.000.000 cycles
• Front panel sealing : IP65
• Packaging unit : 20 pieces (except black chrome plated : 16 pieces)
MATERIALS
• Case : polyester, glass filled
• Contacts : silver/nickel alloy
• Bushing : stainless steel (std)
• Actuator : stainless steel (std)
CUT
-OUT
• Panel cut-out : Ø 22,2 (.874)
or Ø 24,2 (.952)
• Min. pitch for matrix mounting :
30 mm x 30 mm (1.181x1.181)
ORDER FORMAT
Series
Bushing
diameter
Bush./act.
config.
Actuator
style
Bush./act.
matl
Contact/
terminals
AV
22
P
B
C
2
4
See next page.
L
40
Flat actuator - solder lug terminals - AV22LP
Hex nut 25 (.984) across flats
(.118)
3.00
4.00
(.157)
29.00
(1.142)
(.492)
12.50
(.094)
2.40
AV22LP402
BASIC MODEL
OTHER CONFIGURATIONS
All model numbers below are for switches with standard bushing/actuator material.
➞ O-ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com