Electronic Components Datasheet Search
  English  ▼

X  

ACT8865 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 10Page - Qorvo, Inc ACT8865 Datasheet HTML 11Page - Qorvo, Inc ACT8865 Datasheet HTML 12Page - Qorvo, Inc ACT8865 Datasheet HTML 13Page - Qorvo, Inc ACT8865 Datasheet HTML 14Page - Qorvo, Inc ACT8865 Datasheet HTML 15Page - Qorvo, Inc ACT8865 Datasheet HTML 16Page - Qorvo, Inc ACT8865 Datasheet HTML 17Page - Qorvo, Inc ACT8865 Datasheet HTML 18Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
14 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2.7
5.5
V
UVLO Threshold Voltage
VVDDREF Rising
2.2
2.45
2.65
V
UVLO Hysteresis
VVDDREF Falling
200
mV
Supply Current
REG1, REG2, REG3 Enabled. REG4
REG5, REG6 and REG7 Disabled.
13.85
mA
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 Enabled. (PWM Mode)
14
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 Enabled. (PFM Mode,
VIN = 3.6V)
420
µA
Shutdown Supply Current
All Regulators Disabled
1.5
3.0
µA
Oscillator Frequency
1.8
2
2.2
MHz
Logic High Input Voltage1
1.4
V
Logic Low Input Voltage
0.4
V
Leakage Current
VnIRQ = VnRSTO = 4.2V
1
µA
Low Level Output Voltage2
ISINK = 5mA
0.35
V
nRSTO Delay
64
ms
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C
: PWRHLD, PWREN, VSEL are logic inputs.
2: nPBSTAT, nIRQ, nRSTO are open drain outputs.
3: Typical value shown. Actual value may vary from 56.3ms to 72.8ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com