Electronic Components Datasheet Search
  English  ▼

X  

ACT8865 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 24Page - Qorvo, Inc ACT8865 Datasheet HTML 25Page - Qorvo, Inc ACT8865 Datasheet HTML 26Page - Qorvo, Inc ACT8865 Datasheet HTML 27Page - Qorvo, Inc ACT8865 Datasheet HTML 28Page - Qorvo, Inc ACT8865 Datasheet HTML 29Page - Qorvo, Inc ACT8865 Datasheet HTML 30Page - Qorvo, Inc ACT8865 Datasheet HTML 31Page - Qorvo, Inc ACT8865 Datasheet HTML 32Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
29 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ERRATA INFO
Errata Name
ACT8865 creates I
2C BUS contention
Device Identification
Parts marked ACT8865QI405
,
ACT8865QI305 and ACT8865QI303
Description
The ACT8865 features an I
2C interface that only supports
standard single-byte I
2C command. After it detects a
START condition, it will wait for its correct device
address to issue the Acknowledge (ACK) by pulling the
SDA low. Therefore, if the ACT8865 I
2C bus shares
with a multiple-byte I
2C device, it would accidently issue
an ACK once its address is detected and pull SDA low
during mass data transmission between the MCU and
the co-slave device. This action would cause the I
2C
BUS to be frozen unexpectedly.
Recommendation
To avoid the I
2C BUS contention, we highly recommend
customer to use ACT8865 I2C separately from a
multiple-byte I
2C device such as a touch screen
controller.
However, in case the ACT8865 has to share the I2C
bus with a multiple-byte I
2C device, the ACT8865
features a function to allow customer to disable its I
2C
interface to avoid the conflict.
Workaround
For cases where ACT8865 I
2C lines are already shared
with some other components, ACT8865 features a
function to allow user to disable its I
2C interface to
avoid conflicts. The following I
2C write sequences
perform this operation and configure SDA and SCL as
high-Z pin.
Disable ACT8865QI303 I
2C Interface
To disable the I
2C interface of ACT8865QI303 and
configure the SDA and SCL pins to input logic pins,
customer can use I
2C to write the following commands in
sequence below:
1.Write address 0x0B with 0xE9
2.Write address 0x02 with 0x07
3.Write address 0x03 with 0x01
Disable ACT8865QI305 and ACT8865QI405 I
2C
Interface
To disable the I
2C interface of ACT8865QI305 and
ACT8865QI405 and configure the SDA and SCL pins to
input logic pins, customer can use I
2C to write the
following commands in sequence below:
1.Write address 0x0B with 0xEE
2.Write address 0x02 with 0x07
3.Write address 0x03 with 0x01
4.Write address 0x0B with 0xEF
5.Write address 0x02 with 0x07
6.Write address 0x03 with 0x01
: After disable the I
2C interface, the ACT8865 will only become accessible by I2C after its power supply is reset.
: Please ensure to ignore any I
2C failure report while processing the command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com