Electronic Components Datasheet Search
  English  ▼

X  

ACT8865 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 19Page - Qorvo, Inc ACT8865 Datasheet HTML 20Page - Qorvo, Inc ACT8865 Datasheet HTML 21Page - Qorvo, Inc ACT8865 Datasheet HTML 22Page - Qorvo, Inc ACT8865 Datasheet HTML 23Page - Qorvo, Inc ACT8865 Datasheet HTML 24Page - Qorvo, Inc ACT8865 Datasheet HTML 25Page - Qorvo, Inc ACT8865 Datasheet HTML 26Page - Qorvo, Inc ACT8865 Datasheet HTML 27Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
23 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
Control Sequences
The ACT8865 features a variety of control sequences that
are optimized for supporting system enable and disable
sequences
of
Atmel
SAMA5D2,
SAMA5D3
Series:
SAMA5D[31/33/34/35/36]
and
SAM9
series:
SAM9G[15/25/35/45/46], SAM9X[25/35], SAM9M[10/11],
SAM9N[11/12] application processor.
Enabling/Disabling Sequence
A typical enable sequence is initiated whenever nPBIN is
asserted low via 50KΩ resistance. The enable
sequence begins by enabling REG3/REG5. When
REG3/REG5 reaches its power-OK threshold, nRSTO
is asserted low, resetting the microprocessor. When
REG3/REG5 reaches its power-OK threshold for 2ms,
REG1 is enabled. When REG3/REG5 reaches its
power-OK threshold for 4ms, REG2 is enabled. When
REG3/REG5 reaches its power-OK threshold for 8ms,
REG4 is enabled. When REG3 is above its power-OK
threshold when the reset timer expires, nRSTO is de-
asserted, allowing the microprocessor to begin its boot
sequence. REG6 and REG7 can be enabled or
disabled by PWREN after system powers up.
During the boot sequence, the microprocessor must
assert PWRHLD, holding the regulators to ensure that
the system remains powered after nPBIN is released.
As with the enable sequence, a typical disable
sequence is initiated when the user presses the push-
button, which interrupts the processor via the nPBSTAT
output. The actual disable sequence is completely
software-controlled, but typically involved initiating
various “clean-up” processes before finally set
MSTROFF[] bit to 1 to shut the system down.
Figure 3:
Enable/Disable Sequence for ACT8865QI305-T and
ACT8865QI405-T
: Typical value shown, actual delay time may vary from (T-1ms) x
88% to T x 112%, where T is the typical delay time setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com