Electronic Components Datasheet Search
  English  ▼

X  

ACT8865 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 21Page - Qorvo, Inc ACT8865 Datasheet HTML 22Page - Qorvo, Inc ACT8865 Datasheet HTML 23Page - Qorvo, Inc ACT8865 Datasheet HTML 24Page - Qorvo, Inc ACT8865 Datasheet HTML 25Page - Qorvo, Inc ACT8865 Datasheet HTML 26Page - Qorvo, Inc ACT8865 Datasheet HTML 27Page - Qorvo, Inc ACT8865 Datasheet HTML 28Page - Qorvo, Inc ACT8865 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
25 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
STEP-DOWN DC/DC REGULATORS
General Description
The
ACT8865
features
three
synchronous,
fixed-
frequency, current-mode PWM step down converters that
achieve peak efficiencies of up to 97%. REG1 and
REG2 are capable of supplying up to 1150mA of output
current, while REG3 supports up to 1300mA. These
regulators operate with a fixed frequency of 2MHz,
minimizing noise in sensitive applications and allowing
the use of small external components.
100% Duty Cycle Operation
Each regulator is capable of operating at up to 100%
duty cycle. During 100% duty-cycle operation, the
high-side power MOSFET is held on continuously,
providing a direct connection from the input to the
output (through the inductor), ensuring the lowest
possible
dropout
voltage
in
battery
powered
applications.
Synchronous Rectification
REG1, REG2, and REG3 each feature integrated n-
channel synchronous rectifiers, maximizing efficiency and
minimizing
the
total
solution
size
and
cost
by
eliminating the need for external rectifiers.
Soft-Start
When enabled, each output voltages tracks an internal
400μs soft-start ramp, minimizing input current during
startup and allowing each regulator to power up in a
smooth, monotonic manner that is independent of
output load conditions.
Compensation
Each buck regulator utilizes current-mode control and a
proprietary
internal
compensation
scheme
to
simultaneously simplify external component selection and
optimize transient performance over its full operating
range. No compensation design is required; simply
follow a few simple guidelines described below when
choosing external components.
Input Capacitor Selection
The input capacitor reduces peak currents and noise
induced upon the voltage source. A 4.7μF ceramic
capacitor is recommended for each regulator in most
applications.
Output Capacitor Selection
For most applications, 22μF ceramic output capacitors
are recommended for REG1/REG2/ REG3.
Despite the advantages of ceramic capacitors, care
must be taken during the design process to ensure
stable operation over the full operating voltage and
temperature range. Ceramic capacitors are available in a
variety of dielectrics, each of which exhibits different
characteristics that can greatly affect performance over
their temperature and voltage ranges.
Two of the most common dielectrics are Y5V and
X5R. Whereas Y5V dielectrics are inexpensive and can
provide
high capacitance
in small packages,
their
capacitance
varies
greatly
over
their
voltage
and
temperature ranges and are not recommended for
DC/DC applications. X5R and X7R dielectrics are more
suitable
for
output
capacitor
applications,
as their
characteristics are more stable over their operating
ranges, and are highly recommended.
Inductor Selection
REG1, REG2, and REG3 utilize current-mode control and
a
proprietary
internal
compensation
scheme
to
simultaneously simplify external component selection and
optimize transient performance over their full operating
range. These devices were optimized for operation with
2.2μH inductors, although inductors in the 1.5μH to
3.3μH range can be used. Choose an inductor with a
low DC-resistance, and avoid inductor saturation by
choosing inductors with DC ratings that exceed the
maximum output current by at least 30%.
Enable / Disable Control
During normal operation, each buck may be enabled or
disabled via I2C interface by writing to that regulator's
ON[] bit. The regulator accepts rising or falling edge of
ON[] bit as on/off signal. To enable the regulator, clear
ON[] to 0 first then set to 1. To disable the regulator, set
ON[] to 1 first then clear it to 0.
REG1, REG2, REG3 Turn-On Delay
Each
of
REG1/REG2/REG3
features
a
programmable Turn-On Delay which help ensure a
reliable qualification. This delay is programmed by
DELAY[2:0], as shown in Table 5.
Operating
Mode
REG1, REG2, and REG3 each operate in fixed-
frequency PWM mode at medium to heavy loads
when MODE[ ] bit is set to 0, and transition to a
proprietary power-saving mode at light loads in order
to maximize standby battery life. In applications where
low noise is critical, force fixed- frequency PWM
operation across the entire load current range, at
the expense of light-load efficiency, by setting the
MODE[ ] bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com