Electronic Components Datasheet Search
  English  ▼

X  

ACT8865 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 23Page - Qorvo, Inc ACT8865 Datasheet HTML 24Page - Qorvo, Inc ACT8865 Datasheet HTML 25Page - Qorvo, Inc ACT8865 Datasheet HTML 26Page - Qorvo, Inc ACT8865 Datasheet HTML 27Page - Qorvo, Inc ACT8865 Datasheet HTML 28Page - Qorvo, Inc ACT8865 Datasheet HTML 29Page - Qorvo, Inc ACT8865 Datasheet HTML 30Page - Qorvo, Inc ACT8865 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
27 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
LOW-NOISE, LOW-DROPOUT LINEAR REGULATORS
General Description
REG4, REG5, REG6 and REG7 are low-noise, low-
dropout linear regulators (LDOs) that supply up to
320mA. Each LDO has been optimized to achieve low
noise and high-PSRR, achieving more than 65dB PSRR
at frequencies up to 10kHz.
Output Current Limit
Each LDO contains current-limit circuitry featuring a
current-limit fold-back function. During normal and
moderate
overload
conditions,
the
regulators
can
support more than their rated output currents. During
extreme overload conditions, however, the current limit
is reduced by approximately 30%, reducing power
dissipation within the IC.
Compensation
The LDOs are internally compensated and require very
little design effort, simply select input and output
capacitors according to the guidelines below.
Input Capacitor Selection
Each LDO requires a small 1μF ceramic output
capacitor for stability. For best performance, each
output capacitor should be connected directly between
the output and GA pins, as close to the output as
possible, and with a short, direct connection. High
quality ceramic capacitors such as X7R and
X5R
dielectric types are strongly recommended.
Output Capacitor Selection
Each LDO requires a small 3.3μF ceramic output
capacitor for stability. For best performance, each
output capacitor should be connected directly between
the output and GA pins, as close to the output as
possible, and with a short, direct connection. High
quality ceramic capacitors such as X7R and X5R
dielectric types are strongly recommended.
Configuration Options
Output Voltage Programming
By default, each LDO powers up and regulates to its
default output voltage. Once the system is enabled,
each output voltage may be independently programmed
to a different value by writing to the
regulator's VSET[ ] register via the I
2C serial interface as
shown in Table 4.
Enable
/
Disable
Control
During normal operation, each LDO may be enabled or
disabled via I2C interface by writing to that
regulator's ON[] bit. The regulator accepts rising or
falling edge of ON[] bit as on/off signal. To enable the
regulator, clear ON[] to 0 first then set to 1. To disable the
regulator, set ON[] to 1 first then clear it to 0.
REG4, REG5, REG6, REG7 Turn-on Delay
Each of REG4, REG5, REG6 and REG7 features a
programmable Turn-on Delay which help ensure a
reliable qualification. This delay is programmed by
DELAY[2:0], as shown in Table 5.
Table 5:
REGx/DELAY[ ] Turn-On Delay
DELAY[2] DELAY[1] DELAY[0] TURN-ON DELAY
0
0
0
0 ms
0
0
1
2 ms
0
1
0
4 ms
0
1
1
8 ms
1
0
0
16 ms
1
0
1
32 ms
1
1
0
64 ms
1
1
1
128 ms
Output Discharge
Each of the ACT8865’s LDOs features an optional
output discharge function, which discharges the output
to ground through a 1.5kΩ resistance when the LDO is
disabled. This feature may be enabled or disabled by
setting DIS[ ] via; set DIS[ ] to 1 to enable this function,
clear DIS[ ] to 0 to disable it.
Low-Power Mode
Each of ACT8865's LDOs features a LOWIQ[ ] bit
which, when set to 1, reduces the LDO's quiescent
current by about 16%, saving power and extending
battery lifetime.
OK[ ] and Output Fault Interrupt
Each LDO features a power-OK status bit that can be
read by the system microprocessor via the interface. If
an output voltage is lower than the power-OK threshold,
typically
11%
below
the
programmed
regulation
voltage, the value of that regulator's OK[ ] bit will be 0.
If a LDO's nFLTMSK[ ] bit is set to 1, the ACT8865 will
interrupt the processor if that LDO's output voltage falls
below the power-OK threshold. In this case, nIRQ will
assert low and remain asserted until
the OK[ ] bit has been read via I
2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com