Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 29 Page - Abbatron All Rights Reserved

Part # 131
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

131 Datasheet(HTML) 29 Page - Abbatron All Rights Reserved

Back Button 131 Datasheet HTML 25Page - Abbatron All Rights Reserved 131 Datasheet HTML 26Page - Abbatron All Rights Reserved 131 Datasheet HTML 27Page - Abbatron All Rights Reserved 131 Datasheet HTML 28Page - Abbatron All Rights Reserved 131 Datasheet HTML 29Page - Abbatron All Rights Reserved 131 Datasheet HTML 30Page - Abbatron All Rights Reserved 131 Datasheet HTML 31Page - Abbatron All Rights Reserved 131 Datasheet HTML 32Page - Abbatron All Rights Reserved 131 Datasheet HTML 33Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Uninsulated Tip Jacks
•
Brass body with nickel plating.
•
Phosphorus bronze contact.
•
Mounts in a .250” hole in panels up to 0.375” thick, with nut
supplied.
•
Wire lead solders to lug on jack.
•
Rated at 15 Amps AC for 10oC temperature rise, continuous
duty.
Printed Circuit Test Jacks
•
Description: Double entry design, probe inserts at either end
of jack. Accepts probes no larger than .084”, contacts down
to .074”. Closed bottom construction keeps jack from fouling
with solder or flux. Locking ears hold jack firmly to board until
soldered. Precise dimensions allow automated assembly to
boards.
•
Body is molded nylon per MIL-P-20693.
•
Beryllium copper spring.
•
Mounts into .052” holes.
•
Data:
Insertion force: 30 oz. max.
Withdraw force: 8 oz. min with .080” probe.
•
Ratings: Operating voltage is 1500 volts, 60 CPS RMS
sea level. 350 volts, 60CPS RMS at 50,000 feet. 5 Amp AC
max. current rating.
•
Contact resistance: 20 Millivolt drop maximum at specified
current at 25oC.
•
Color: add color number as suffix to part number:
-101 White
-102 Red
-103 Black
-104 Green
-105 Blue -107 Yellow
•
This part is similar to MIL-C-39024/11A. Other contact
finishes are available as special order in quantity from the
factory.
PART
NO.
ILLUS. LENGTH FINISH
BOARD
THKNS.
325
0.130
Gold
1/16
321
0.219
Gold
1/8
430
B
0.203
Gold
3/19
A
27
A
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
B
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com