Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 20 Page - Abbatron All Rights Reserved

Part # 131
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

131 Datasheet(HTML) 20 Page - Abbatron All Rights Reserved

Back Button 131 Datasheet HTML 16Page - Abbatron All Rights Reserved 131 Datasheet HTML 17Page - Abbatron All Rights Reserved 131 Datasheet HTML 18Page - Abbatron All Rights Reserved 131 Datasheet HTML 19Page - Abbatron All Rights Reserved 131 Datasheet HTML 20Page - Abbatron All Rights Reserved 131 Datasheet HTML 21Page - Abbatron All Rights Reserved 131 Datasheet HTML 22Page - Abbatron All Rights Reserved 131 Datasheet HTML 23Page - Abbatron All Rights Reserved 131 Datasheet HTML 24Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Spring Loaded Binding Posts
18
•
Quick and secure wire connection is assured with these spring
loaded binding posts.
•
Heads and bodies are brass with plated finish as indicated
above. Insulated caps on heads are available in red (-102)
or black (-103) or for the Dual posts, a combination (RR, RB,
BB). Please add color as suffix to part number.
•
Posts mount into #6 holes. Dual posts require standard 3/4”
centers.
•
Use with phone tip plug up to 1/8” diameter or connect to
wire up to #12 AWG.
•
To connect circuit, wrap wire around solder turret or attach
to solder lug between nuts (lug not supplied).
•
Please refer to Table A (page 12) for post rating infor-
mation.
C
A
B
PART NO.
FIG.
MNTG.
HOLE
POST
THREAD
STUD
LENGTH
PLATING
2802
3/8
2803
1/2
2804
3/4
2809
B
6-32 THD
2713BB
2713RB
2713RR
A
C
#6
1/2
6-32
8-32
1/16 MIN
9/32 MAX
PANEL
THKNS.
Nickel
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com