Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 19 Page - Abbatron All Rights Reserved

Part # 131
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

131 Datasheet(HTML) 19 Page - Abbatron All Rights Reserved

Back Button 131 Datasheet HTML 15Page - Abbatron All Rights Reserved 131 Datasheet HTML 16Page - Abbatron All Rights Reserved 131 Datasheet HTML 17Page - Abbatron All Rights Reserved 131 Datasheet HTML 18Page - Abbatron All Rights Reserved 131 Datasheet HTML 19Page - Abbatron All Rights Reserved 131 Datasheet HTML 20Page - Abbatron All Rights Reserved 131 Datasheet HTML 21Page - Abbatron All Rights Reserved 131 Datasheet HTML 22Page - Abbatron All Rights Reserved 131 Datasheet HTML 23Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
17
Spring Loaded Binding Posts
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
1837
•
ML-P-55149/8 commercial version, this heavy duty, water-
proof post is meant for rugged applications.
•
Body is nickel plated brass.
•
Insulated washers are molded nylon. Cap is silicon rubber,
as are “O” ring waterproof seals for panel.
•
Body mounts into 5/16” hole in panel from 1/16” to 1/8”
thick.
•
Spring loaded push cap tightly grips wire in side slot.
•
To connect circuit, wrap wire around solder turret or attach
to solder lug between nuts (lug not supplied).
•
Please refer to Table A (page 12) for post rating infor-
mation.
•
Available in red (-102, MIL Spec Type PB 08NA02) or black
(-103, MIL Spec Type PB 08NA01).
1837-
A
5/16
10-32
1
1839-
B
9/32
6-32
5/8
PLATING
POST
THREAD
FIG.
STUD LENGTH
Nickel
PART NO.
MNTG
HOLE
1839
•
High retention spring loaded binding post.
•
70 lb/in spring compression rate.
•
Based on MIL-P-55149/10.
•
Waterproof to 1m.
•
Top insulating washer is over-molded on the post.
•
Anti-rotational design.
•
Nickel finish.
•
Spring loaded push cap tightly grips wire in slot.
•
Available in red (-102) or black (-103).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com