Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 10 Page - Abbatron All Rights Reserved

Part # 131
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

131 Datasheet(HTML) 10 Page - Abbatron All Rights Reserved

Back Button 131 Datasheet HTML 6Page - Abbatron All Rights Reserved 131 Datasheet HTML 7Page - Abbatron All Rights Reserved 131 Datasheet HTML 8Page - Abbatron All Rights Reserved 131 Datasheet HTML 9Page - Abbatron All Rights Reserved 131 Datasheet HTML 10Page - Abbatron All Rights Reserved 131 Datasheet HTML 11Page - Abbatron All Rights Reserved 131 Datasheet HTML 12Page - Abbatron All Rights Reserved 131 Datasheet HTML 13Page - Abbatron All Rights Reserved 131 Datasheet HTML 14Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
8
PART NO.
FIG.
LENGTH
INCHES
WIRE
INSULATION
UNIT
1596-12-
A
12
#18 AWG
PVC
One
1596-24-
A
24
#18 AWG
PVC
One
1596-36-
A
36
#18 AWG
PVC
One
1596-48-
A
48
#18 AWG
PVC
One
1596-60-
A
60
#18 AWG
PVC
One
629
A
12
#20 AWG
Rubber
Pair
657
A
24
#20 AWG
Rubber
Pair
658
A
36
#20 AWG
Rubber
Pair
659
A
48
#20 AWG
Rubber
Pair
1510-08-
B
8
#18 AWG
PVC
One
1510-12-
B
12
#18 AWG
PVC
One
1510-24-
B
24
#18 AWG
PVC
One
1510-36-
B
36
#18 AWG
PVC
One
627
C
48
#20 AWG
Rubber
Pair
628
D
48
#20 AWG
Rubber
Pair
647
E
48
#20 AWG
Rubber
Pair
604
F
12
#20 AWG
Rubber
Pair
605
F
24
#20 AWG
Rubber
Pair
606
F
36
#20 AWG
Rubber
Pair
607
F
48
#20 AWG
Rubber
Pair
New to the Abbatron selection is this retractable shrouded banana plug. It is offered as a 48” retractable banana
plug to retractable banana plug jumper.
1339-48
A standard gold plated banana plug is housed in a spring loaded Nylon 6/6 housing. This
plug, developed for maximum safety, is available in red (-102) or black (-103). Please add
color as suffix to part number.
A
Standard Booted Alligator Clip at each end
B
Standard Stacking Banana Plug at each end
Jumpers
PATCH CORD RATINGS
F
Alligator Clip* to Alligator Clip*
E
Alligator Clip* to Right Angle Banana Plug
D
*Alligator Clip* to Right Angle Tip Plug
C
Alligator Clip to Stacking Tip Plug
AWG
WIRE
INSULATIONS
O.D.
STRAND VOLTAGE CURRENT
#18
PVC
0.140"
65/36
10KV
10 AMP
#18
Rubber (Buna N) 0.140"
65/36
10KV
10 AMP
#20
Rubber
0.120"
26/34
5KV
8 AMP
#24
PVC
0.090"
19/36
5KV
5 AMP
RATINGS
HH Smith
G
Insulated handle supplied with Figures
C, D, E and F
Jumpers are common universal connection devices for measurement or testing. These connectors will offer solid, semi-permanent
connections between instruments with a maximum of safety and reliability. They are, however, electrically noisy and may be unsafe
at power voltage levels and should only be used for temporary connections. The preferred technique is to use a jumper with a
connector matching the post jack or other terminal to which it is desired to connect.
*Please note that figures C, D, E and F are offered with an insulated handle (see G). All Jumpers shown here are supplied as either a
pair, (one red, one black) or individually in red (-102) or black (-103). Please add color as suffix to part number.
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com