Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 49 Page - Abbatron All Rights Reserved

Part # 131
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

131 Datasheet(HTML) 49 Page - Abbatron All Rights Reserved

Back Button 131 Datasheet HTML 45Page - Abbatron All Rights Reserved 131 Datasheet HTML 46Page - Abbatron All Rights Reserved 131 Datasheet HTML 47Page - Abbatron All Rights Reserved 131 Datasheet HTML 48Page - Abbatron All Rights Reserved 131 Datasheet HTML 49Page - Abbatron All Rights Reserved 131 Datasheet HTML 50Page - Abbatron All Rights Reserved 131 Datasheet HTML 51Page - Abbatron All Rights Reserved 131 Datasheet HTML 52Page - Abbatron All Rights Reserved 131 Datasheet HTML 53Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Aluminum Round Standoffs
LENGTH
THREAD
OD
#4-40
#6-32
#8-32
#10-32
1/4
8320
8340
8360
5/16
9396A
9397A
8380
3/8
9398A
9399A
1/4
9228
9235
9242
5/16
9396B
9397B
9249
3/8
9398B
9399B
1/4
8321
8341
8361
5/16
9396C
9397C
8381
3/8
9398C
9399C
1/4
9229
9236
9243
5/16
9396D
9397D
9250
3/8
9398D
9399D
1/4
8322
8342
8362
5/16
9396E
9397E
8382
3/8
9398E
9399E
1/4
9230
9237
9244
5/16
9396F
9397F
9251
3/8
9398F
9399F
1/4
8323
8343
8363
5/16
9396G
9397G
8383
3/8
9398G
9399G
1/4
9231
9238
9245
5/16
9396H
9397H
9252
3/8
9398H
9399H
1/4
8324
8344
8364
5/16
9396J
9397J
8384
3/8
9398J
9399J
1/4
9232
9239
9246
5/16
9396K
9397K
9253
3/8
9398K
9399K
1/4
8325
8345
8365
5/16
9396L
9397L
8385
3/8
9398L
9399L
1/4
9233
9240
9247
5/16
9396M
9397M
9254
3/8
9398M
9399M
1/4
8326
8346
8366
5/16
9396N
9397N
8386
3/8
9398N
9399N
0.450
0.812
0.875
3/4
13/16
0.250
0.312
0.375
7/8
0.687
11/16
7/16
1/2
9/16
0.625
1/8
0.125
0.187
5/8
LENGTH
O.D.
0.437
0.500
0.562
3/16
1/4
5/16
3/8
#4-40
#6-32
#8-32 #10-32
1/4
9234
9241
9248
5/16
9396P
9397P
9255
3/8
9398P 9399P
1/4
8327
8347
8367
5/16
9396Q
9397Q
8387
3/8
9398Q 9399Q
1/4
8320R
8340R
8360R
5/16
9396R
9397R 8380R
1/4
8328
8348
8368
5/16
9396S
9397S
8388
1/4
8320T
8340T
8360T
5/16
9396T
9397T
8380T
1/4
8329
8349
8369
5/16
9396U
9397U
8389
1/4
8320V
8340V
8360V
5/16
9396V
9397V 8380V
1/4
8330
8350
8370
5/16
9396W 9397W
8390
1/4
8320X
8340X
8360X
5/16
9396X
9397X 8380X
1/4
8331
8351
8371
5/16
9396Y
9397Y
8391
2.250
2-1/4
8320ZA 8340ZA 8360ZA
2.500
2-1/2
8332
8352
8372
2.750
2-3/4
8320ZC 8340ZC 8360ZC
3
3
8333
8353
8373
3.250
3-1/4
8320ZE 8340ZE 8360ZE
3.500
3-1/2
8334
8354
8374
3.750
3-3/4
8320ZG 8340ZG 8360ZG
4
4
8335
8355
8375
4.500
4-1/2
8320ZJ 8340ZJ 8360ZJ
5
5
8320ZK 8340ZK 8360ZK
5.500
5-1/2
8320ZL 8340ZL 8360ZK
6
6
8320ZM 8340ZM 8360ZM
1.750
1-3/4
1/4
1.875
1-7/8
2
2
1.500
1-1/2
1.625
1-5/8
1-1/8
1.250
1/1/4
1.375
1-3/8
LENGTH
O.D.
0.937
15/16
1
1
1.125
47
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Thread Size
4-40
6-32
8-32
10-32
Thread Length
Tapped Thru
Thread Length
Tap each end
1"
1/4"
7/16"
Maximum Thread Depth
7/16"
1"
1"
1"
1/2"
•
Aluminum standoffs offer a light-weight alternative to standard
brass counterparts.
•
Standard clear chromate finish.
•
Please reference the Thread Depth Chart at bottom of page.
For more information, see page 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com