Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 46 Page - Abbatron All Rights Reserved

Part # 131
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

131 Datasheet(HTML) 46 Page - Abbatron All Rights Reserved

Back Button 131 Datasheet HTML 42Page - Abbatron All Rights Reserved 131 Datasheet HTML 43Page - Abbatron All Rights Reserved 131 Datasheet HTML 44Page - Abbatron All Rights Reserved 131 Datasheet HTML 45Page - Abbatron All Rights Reserved 131 Datasheet HTML 46Page - Abbatron All Rights Reserved 131 Datasheet HTML 47Page - Abbatron All Rights Reserved 131 Datasheet HTML 48Page - Abbatron All Rights Reserved 131 Datasheet HTML 49Page - Abbatron All Rights Reserved 131 Datasheet HTML 50Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Brass Male/Female Hex Standoffs
Brass Male/Male Adapters
4-40
6-32
8-32
.250
1/4
8216
8248
8280
.375
3/8
8217
8249
8281
.500
1/2
8218
8250
8282
.625
5/8
8219
8251
8283
.750
3/4
8220
8252
8284
.875
7/8
8221
8253
8285
1
1
8222
8254
8286
1.125
1-1/8
8223
8255
8287
1.250
1-1/4
8224
8256
8288
1.375
1-3/8
8225
8257
8289
1.500
1-1/2
8226
8258
8290
1.625
1-5/8
8227
8259
8291
1.750
1-3/4
8228
8260
8292
2
2
8229
8261
8293
2.500
2-1/2
8230
8262
8294
3
3
8231
8263
8295
BODY LENGTH
• Hex shaped standoffs are ideal wherever wrench
tightening may be required.
• Standard nickel plating provides a hard, bright,
non-oxidizing surface which will stand up to difficult
ambient conditions.
• Alternative finish, size or thread can be custom
manufactured upon request.
• Brass Male/Male Adapters serve as a quick and easy way to “make it
fit”. Other thread sizes or lengths can be manufactured in quantity at the
factory.
• Standard finish is nickel plating. Alternative plating finishes such as zinc
are also available upon request.
• Features of all brass spacers include strength, corrosion resistance and
electrical conductivity. All brass parts are non-magnetic.
• Abbatron offers engineering services for special application parts or
materials.
•
SIZE
LENGTH 'A' SIZE LENGTH 'B'
8300
4-40
3/16
8301
8302
8303
8304
8305
8306
8307
10-32
PART NO.
HEX
THREAD "A"
THREAD "B"
1/4
5/16
4-40
6-32
8-32
3/8
1/4
3/16
1/4
3/8
6-32
8-32
10-32
Thread Size
Body Length
Thread Depth
Thread Length
1/4"
1/8"
3/8" to 3"
1/4"
1/4"
1/8"
3/8"
1/4"
1/2"
11/32"
5/8" to 3"
3/8"
Thread Specs for Male/Female Standoffs (min)
6-32 & 8-32
3/16"
1/4"
3/8"
4-40
44
HH Smith
BODY
LENGTH
THREAD
DEPTH
THREAD
LENGTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com