Electronic Components Datasheet Search
  English  ▼

X  

AX88172A Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88172A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172A Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88172A Datasheet HTML 13Page - ASIX Electronics Corporation AX88172A Datasheet HTML 14Page - ASIX Electronics Corporation AX88172A Datasheet HTML 15Page - ASIX Electronics Corporation AX88172A Datasheet HTML 16Page - ASIX Electronics Corporation AX88172A Datasheet HTML 17Page - ASIX Electronics Corporation AX88172A Datasheet HTML 18Page - ASIX Electronics Corporation AX88172A Datasheet HTML 19Page - ASIX Electronics Corporation AX88172A Datasheet HTML 20Page - ASIX Electronics Corporation AX88172A Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
GPIO_1
B5/PD
35
General Purpose Input/ Output Pin 1. This pin is default as input pin after
power-on reset. This pin is also for Default WOL Ready Mode setting;
please refer to section 2.3 Settings.
GPIO_0 / PME
B5/PD
36
General Purpose Input/ Output Pin 0 or PME (Power Management Event).
This pin is default as input pin after power-on reset. GPIO_0 also can be
defined as PME output to indicate wake up event detected. Please refer to
section 2.3 Settings.
SI_3
B5/PU
37
UART_RX or SPI_MISO. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
SI_2
B5/PU
38
UART_TX or SPI_MOSI. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
SI_1
B5/PU
39
I2C_SDA or SPI_SS. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
SI_0
B5/PU
40
I2C_SCLK or SPI_SCLK. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
USB_LED
O5
28
USB Speed indicator: When USB bus is in Full speed, this pin drives high
continuously. When USB bus is in High speed, this pin drives low
continuously. This pin drives high and low in turn (blinking) to indicate
TX data transfer going on whenever the host controller sends bulk out data
transfer.
TEST0
I5/S
54
Test pin. For normal operation, user should connect to ground.
TEST1
I5/S
53
Test pin. For normal operation, user should connect to ground.
TCLK_EN
I5/PD/S
50
Test pin. For normal operation, user should keep this pin NC.
TCLK_0
I5/PD
49
Test pin. For normal operation, user should keep this pin NC.
TCLK_1
I5/PD
48
Test pin. For normal operation, user should keep this pin NC.
On-chip Regulator Pins
VCC3R3
P
11
3.3V Power supply to on-chip 3.3V-to-1.8V voltage regulator.
GND3R3
P
12
Ground pin of on-chip 3.3V-to-1.8V voltage regulator.
V18F
P
10
1.8V voltage output of on-chip 3.3V-to-1.8V voltage regulator.
Power and Ground Pins
VCCK
P
13, 14, 27, 33,
41, 57, 66,
Digital Core Power. 1.8V.
VCC3IO
P
21, 51, 65
Digital I/O Power. 3.3V.
GND
P
15, 16, 29, 42,
55, 56, 76
Digital Ground.
VCC33A_H
P
69
Analog Power for USB transceiver. 3.3V.
GND33A_H
P
70
Analog Ground for USB transceiver.
VCC33A_PLL
P
74
Analog Power for USB PLL. 3.3V.
GND33A_PLL
P
75
Analog Ground for USB PLL.
VCC3A3
P
2
Analog Power for Ethernet PHY bandgap. 3.3V.
GND3A3
P
3
Analog Ground for Ethernet PHY.
VCC18A
P
6, 77
Analog Power for Ethernet PHY and 25Mhz crystal oscillator. 1.8V.
GND18A
P
9, 80
Analog Ground for Ethernet PHY and 25Mhz crystal oscillator.
External Media Interface: MAC Mode with MII Interface
RXCLK
I5/PD
17
Receive Clock. RXCLK is received from PHY to provide timing reference
for the transfer of RXD [3:0] and RXDV signals on receive direction of
MII interface.
RXDV
I5/PD
18
Receive Data Valid. RXDV is asserted high when valid data is present on
RXD [3:0]. It is driven synchronously with respect to RXCLK by PHY.
RXD [3:0]
I5/PD
19, 20,
22, 23
Receive Data. RXD [3:0] is driven synchronously with respect to RXCLK
by PHY.
CRS
I5/PD
31
Carrier Sense. CRS is asserted high asynchronously by the PHY when
either transmit or receive medium is non-idle.
COL
I5/PD
32
Collision. COL is driven high by PHY when the collision is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com