Electronic Components Datasheet Search
  English  ▼

X  

AX88172A Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX88172A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172A Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX88172A Datasheet HTML 36Page - ASIX Electronics Corporation AX88172A Datasheet HTML 37Page - ASIX Electronics Corporation AX88172A Datasheet HTML 38Page - ASIX Electronics Corporation AX88172A Datasheet HTML 39Page - ASIX Electronics Corporation AX88172A Datasheet HTML 40Page - ASIX Electronics Corporation AX88172A Datasheet HTML 41Page - ASIX Electronics Corporation AX88172A Datasheet HTML 42Page - ASIX Electronics Corporation AX88172A Datasheet HTML 43Page - ASIX Electronics Corporation AX88172A Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
ASIX ELECTRONICS CORPORATION
40
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
10.0 Package Information
10.1 AX88772A 64-pin LQFP package
b
e
E
He
pin 1
A2
A1
θ
A
Millimeter
Symbol
Min
Typ
Max
A1
0.05
-
0.15
A2
1.35
1.40
1.45
A
-
-
1.60
b
0.13
0.18
0.23
D
7.00
E
7.00
e
-
0.40
-
Hd
9.00
He
9.00
L
0.45
0.60
0.75
L1
-
1.00 REF
-
θ
0°
3.5°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com