Electronic Components Datasheet Search
  English  ▼

X  

AX88172A Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88172A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172A Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88172A Datasheet HTML 19Page - ASIX Electronics Corporation AX88172A Datasheet HTML 20Page - ASIX Electronics Corporation AX88172A Datasheet HTML 21Page - ASIX Electronics Corporation AX88172A Datasheet HTML 22Page - ASIX Electronics Corporation AX88172A Datasheet HTML 23Page - ASIX Electronics Corporation AX88172A Datasheet HTML 24Page - ASIX Electronics Corporation AX88172A Datasheet HTML 25Page - ASIX Electronics Corporation AX88172A Datasheet HTML 26Page - ASIX Electronics Corporation AX88172A Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
ASIX ELECTRONICS CORPORATION
23
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.1.3
Leakage Current and Capacitance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIN
Input current
No pull-up or pull-down
-10
±
1
10
μ
A
IOZ
Tri-state leakage current
-10
±
1
10
μ
A
CIN
Input capacitance
-
2.2
-
pF
COUT
Output capacitance
-
2.2
-
pF
CBID
Bi-directional buffer capacitance
-
2.2
-
pF
Note: The capacitance listed above does not include pad capacitance and package capacitance. One can estimate pin
capacitance by adding a pad capacitance of about 0.5pF to the package capacitance.
9.1.4
DC Characteristics of 3.3V I/O Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC3IO
Power supply of 3.3V I/O
3.3V I/O
2.97
3.3
3.63
V
Tj
Junction temperature
0
25
125
℃
Vil
Input low voltage
-
-
0.8
V
Vih
Input high voltage
2.0
-
-
V
Vt
Switching threshold
LVTTL
1.5
V
Vt-
Schmitt trigger negative going
threshold voltage
0.8
1.1
-
V
Vt+
Schmitt
trigger
positive
going
threshold voltage
LVTTL
-
1.6
2.0
V
Vol
Output low voltage
Iol = 8mA
-
-
0.4
V
Voh
Output high voltage
Ioh = -8mA
2.4
-
-
V
Rpu
Input pull-up resistance
Vin = 0
40
75
190
KΩ
Rpd
Input pull-down resistance
Vin = VCC3IO
40
75
190
KΩ
Input leakage current
Vin = VCC3IO or 0
-10
±
1
10
μ
A
Input leakage current with pull-up
resistance
Vin = 0
-15
-45
-85
μ
A
Iin
Input
leakage
current
with
pull-down resistance
Vin = VCC3IO
15
45
85
μ
A
IOZ
Tri-state output leakage current
-10
±
1
10
μ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com