Electronic Components Datasheet Search
  English  ▼

X  

AX88172A Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88172A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172A Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88172A Datasheet HTML 25Page - ASIX Electronics Corporation AX88172A Datasheet HTML 26Page - ASIX Electronics Corporation AX88172A Datasheet HTML 27Page - ASIX Electronics Corporation AX88172A Datasheet HTML 28Page - ASIX Electronics Corporation AX88172A Datasheet HTML 29Page - ASIX Electronics Corporation AX88172A Datasheet HTML 30Page - ASIX Electronics Corporation AX88172A Datasheet HTML 31Page - ASIX Electronics Corporation AX88172A Datasheet HTML 32Page - ASIX Electronics Corporation AX88172A Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
ASIX ELECTRONICS CORPORATION
29
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.4.3
Serial EEPROM Timing
Th
Ts
Tl cs
Tl cs
Thc s
Tscs
To d
Td v
Tcl k
Tcl
Tcl k
Tcl
Tch
Tch
EE CK
EEDIO (a s OUT P UT )
EE CS
EE DIO (a s INPUT )
Symbol
Description
Min
Typ
Max
Unit
Tclk
EECK clock cycle time
-
5120
-
ns
Tch
EECK clock high time
-
2560
-
ns
Tcl
EECK clock low time
-
2560
-
ns
Tdv
EEDIO output valid to EECK rising edge time
2560
-
-
ns
Tod
EECK rising edge to EEDIO output delay time
2562
-
-
ns
Tscs
EECS output valid to EECK rising edge time
2560
-
-
ns
Thcs
EECK falling edge to EECS invalid time
7680
-
-
ns
Tlcs
Minimum EECS low time
23039
-
-
ns
Ts
EEDIO input setup time
20
-
-
ns
Th
EEDIO input hold time
0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com