Electronic Components Datasheet Search
  English  ▼

X  

AX88172A Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88172A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172A Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88172A Datasheet HTML 34Page - ASIX Electronics Corporation AX88172A Datasheet HTML 35Page - ASIX Electronics Corporation AX88172A Datasheet HTML 36Page - ASIX Electronics Corporation AX88172A Datasheet HTML 37Page - ASIX Electronics Corporation AX88172A Datasheet HTML 38Page - ASIX Electronics Corporation AX88172A Datasheet HTML 39Page - ASIX Electronics Corporation AX88172A Datasheet HTML 40Page - ASIX Electronics Corporation AX88172A Datasheet HTML 41Page - ASIX Electronics Corporation AX88172A Datasheet HTML 42Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
ASIX ELECTRONICS CORPORATION
38
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.4.11 USB Transceiver Interface Timing
VCC33A_H/ VCC33A_PLL= 3.0 ~ 3.6 V.
Static Characteristic for Analog I/O Pins (DP/DM):
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
USB 2.0 Transceiver (HS)
Input Levels (Differential Receiver)
VHSDIFF High speed differential input
sensitivity
|VI (DP) –VI (DM)|
Measured at the connection as
an application circuit.
300
-
-
mV
VHSCM High speed data signaling
common mode voltage range
-50
-
500
mV
Squelch detected
-
-
100
mV
VHSSQ High speed squelch detection
threshold
No squelch detected
200
-
-
mV
Output levels (differential)
VHSOI High speed idle level output
voltage
-10
-
10
mV
VHSOL High speed low level output
voltage
-10
-
10
mV
VHSOH High speed high level output
voltage
-360
-
400
mV
VCHIRPJ Chirp-J output voltage
700
-
1100
mV
VCHIRPK Chirp-K output voltage
-900
-
-500
mV
Resistance
RDRV
Driver output impedance
Equivalent resistance used as
internal chip
40.5
45
49.5 Ohm
Termination
VTERM Termination voltage for pull-up
resistor on pin RPU
3.0
-
3.6
V
USB 1.1 Transceiver (FS/LS)
Input Levels (Differential Receiver)
VDI
Differential input sensitivity
|VI (DP) –VI (DM)|
0.2
-
-
V
VCM
Differential common mode
voltage
0.8
-
2.5
V
Input Levels (Single-Ended Receiver)
VSE
Single ended receiver threshold
0.8
-
2.0
V
Output levels
VOL
Low-level output voltage
0
-
0.3
V
VOH
High-level output voltage
2.8
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com