Electronic Components Datasheet Search
  English  ▼

X  

AX88172A Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88172A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172A Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88172A Datasheet HTML 18Page - ASIX Electronics Corporation AX88172A Datasheet HTML 19Page - ASIX Electronics Corporation AX88172A Datasheet HTML 20Page - ASIX Electronics Corporation AX88172A Datasheet HTML 21Page - ASIX Electronics Corporation AX88172A Datasheet HTML 22Page - ASIX Electronics Corporation AX88172A Datasheet HTML 23Page - ASIX Electronics Corporation AX88172A Datasheet HTML 24Page - ASIX Electronics Corporation AX88172A Datasheet HTML 25Page - ASIX Electronics Corporation AX88172A Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
ASIX ELECTRONICS CORPORATION
22
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.0 Electrical Specifications
9.1 DC Characteristics
9.1.1
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCCK
Digital core power supply
- 0.3 to 2.16
V
VCC18A
Analog Power. 1.8V
- 0.3 to 2.16
V
VCC3IO
Power supply of 3.3V I/O
- 0.3 to 4
V
VCC3R3
Power supply of on-chip voltage regulator
- 0.3 to 4
V
VCC3A3
Analog Power 3.3V for Ethernet PHY bandgap
- 0.3 to 3.8
V
VCC33A_PLL
Analog Power 3.3V for USB PLL.
- 0.3 to 4
V
VCC33A_H
Analog Power 3.3V for USB TX and RX
- 0.3 to 4
V
VIN18
Input voltage of 1.8V I/O
- 0.3 to 2.16
V
Input voltage of 3.3V I/O
- 0.3 to 4.0
V
VIN3
Input voltage of 3.3V I/O with 5V tolerant
- 0.3 to 5.8
V
TSTG
Storage temperature
- 40 to 150
℃
IIN
DC input current
20
mA
IOUT
Output short circuit current
20
mA
Note: Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be
restricted to the optional sections of this datasheet. Exposure to absolute maximum rating condition for extended periods
may affect device reliability.
9.1.2
Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max
Unit
VCCK
Digital core power supply
1.62
1.8
1.98
V
VCC18A
Analog core power supply
1.62
1.8
1.98
V
VCC3R3
Power supply of on-chip voltage regulator
2.97
3.3
3.63
V
VCC3IO
Power supply of 3.3V I/O
2.97
3.3
3.63
V
VCC33A_H Analog Power 3.3V for USB TX and RX
2.97
3.3
3.63
V
VCC33A_PLL Analog Power 3.3V for USB PLL.
2.97
3.3
3.63
V
VCC3A3
Analog power supply for bandgap
2.97
3.3
3.63
V
VIN18
Input voltage of 1.8 V I/O
0
1.8
1.98
V
Input voltage of 3.3 V I/O
0
3.3
3.63
V
VIN3
Input voltage of 3.3 V I/O with 5V tolerance
0
3.3
5.25
V
Tj
Commercial junction operating temperature
0
25
125
℃
Ta
Commercial operating temperature
0
-
70
℃
Thermal Characteristics
Symbol
Parameter
Rating Unit
LQFP 64(AX88772A)
13.1 °C/W
ΘJC
Thermal resistance of junction
to case
TQFP 80(AX88172A)
27.5 °C/W
Still air,LQFP 64(AX88772A)
45.1 °C/W
ΘJA
Thermal resistance of junction
to ambient
Still air,TQFP 80(AX88172A)
55.2 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com