Electronic Components Datasheet Search
  English  ▼

X  

AX88190AL Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 13Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 14Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 15Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 16Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 17Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 18Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 19Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 20Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
17
4.2 PCMCIA Function Configuration Register Set of MODEM
REGISTER
NAME
OFFSET
MCOR
CONFIGURATION OPTION REGISTER
3E0H
MCSR
CONFIGURATION AND STATUS REGISTER
3E2H
MIOBASE0
I/O BASED REGISTER 0
3EAH
MIOBASE1
I/O BASED REGISTER 1
3ECH
Tab - 14 PCMCIA Function Configuration Register Mapping of MODEM
4.2.1 Configuration Option Register of MODEM (MCOR) Offset 3E0H (Read/Write)
FIELD
R/W/C
DESCRIPTION
7
R/W
Software Reset
Assert this bit will reset the MODEM function of AX88190A. Return a 0 to this bit will
leave the MODEM function of AX88190A in a post-reset state as same as that following
a hardware reset. The value of this bit is 0 at power-on.
6
R/W
Level IRQ
This bit should be set to 1, the AX88190A always generates Level Mode Interrupt.
5:0
R/W
Function Configuration Index
These six bits are used to indicate entry of the card configuration table locate in the CIS.
The default value is 0
.
On multifunction PC Card,
Bit 5, Bit4 : Reserved
Bit 3 : MINT route to STSCHG#
If bit 0 of MCOR is set to 0, this bit is ignored.
If both bit 0 and bit 2 of MCOR are set to 1 and this bit is set to 1, the MODEM will route
interrupt request to STSCHG# signal. If this bit is set to 0, the MODEM will generate
interrupt request via IREQ# line.
Bit 2 : MINT route to IREQ# (Enable IREQ# Routing)
If bit 0 of MCOR is set to 0, this bit is ignored.
If bit 0 of MCOR is set to 1 and this bit is set to 1, the MODEM will generate interrupt
request via IREQ# signal. If this bit is set to 0, the MODEM will not generate interrupt
request via IREQ# line.
Bit 1 : Enable Base and Limit Registers
If bit 0 of MCOR is set to 0, this bit is ignored.
If bit 0 of MCOR is set to 1 and this bit is set to 1,only I/O addresses that are qualified
by the Base and Limit registers are passed to MODEM function. If this bit is set to 0,all
I/O addresses are passed to LAN function.
Bit 0 : Enable Function
If this bit is set to 0, the MODEM function is disabled.
If this bit is set to 1, the MODEM function is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com