Electronic Components Datasheet Search
  English  ▼

X  

AX88190AL Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 20Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 21Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 22Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 23Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 24Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 25Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 26Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 27Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
24
4.3.10 Inter-frame gap Segment 1(IFGS1) Offset 12H (Read/Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6:0
IFG
Inter-frame Gap Segment 1. Default value 1cH.
4.3.11 Inter-frame gap Segment 2(IFGS2) Offset 13H (Read/Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6:0
IFG
Inter-frame Gap Segment 2. Default value 11H.
4.3.12 MII/EEPROM Management Register (MEMR) Offset 14H (Read/Write)
FIELD
NAME
DESCRIPTION
7
EECLK EECLK
EEPROM Clock
6
EEO
EEO
EEPROM Data Out
5
EEI
EEI
EEPROM Data In
4
EECS
EECS
EEPROM Chip Select
3
MDO
MDO
MII Data Out
2
MDI
MDI
MII Data In
1
MDIR
MII STA MDIO signal Direction
MII Read Control Bit, assert this bit let MDIO signal as the input signal. Deassert this bit
let MDIO as output signal.
0
MDC
MDC
MII Clock
4.3.13 Test Register (TR) Offset 15H (Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
MPSEL Media Priority Select : default value is logic 0
MPSEL
/SLINK
Media Selected
0
0
SNI
0
1
MII
1
x
Depand on MPSET bit
5
MPSET Media Set by Program : The signal is valid only when MPSEL is set to high.
When MPSET is logic 0 , SNI is selected.
When MPSET is logic 1 , MII is selected.
4
TF16T
Test for Collision, default value is logic 0
3
TPE
Test pin Enable, default value is logic 0
2:0
IFG
Select Test Pins Output, default value is logic 0
4.3.14 General Purpose Input Register (GPI) Offset 18H (Read)
FIELD
NAME
DESCRIPTION
7:4
-
Reserved
3
GPI3
This register reflects GPI[3] input value
2
GPI2
This register reflects GPI[2] input value
1
GPI1
This register reflects GPI[1] input value
0
GPI0
This register reflects GPI[0] input value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com