Electronic Components Datasheet Search
  English  ▼

X  

AX88190AL Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 21Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 22Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 23Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 24Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 25Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 26Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 27Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 28Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
25
4.3.15 General Purpose I/O Register (GPIO) Offset 1AH (Read/Write)
FIELD
NAME
DESCRIPTION
7:6
-
Reserved
5
CTL
Default “1”. And must keep it to logic 1 always.
4
-
Reserved
3
GPIO3
Default “0”. The register reflects to GPIO3# pin with inverted value.
2
GPIO2
Default “0”. The register reflects to GPIO2 pin directly.
1
GPIO1
Default “0”. The register reflects to GPIO1# pin with inverted value.
0
GPIO0
Default “0”. The register reflects to GPIO0# pin with inverted value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com