Electronic Components Datasheet Search
  English  ▼

X  

AX88190AL Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 14Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 15Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 16Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 17Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 18Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 19Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 20Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 21Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
18
4.2.2 Configuration and Status Register of MODEM (MCSR) Offset 3E2H (Read/Write)
FIELD
R/W/C
DESCRIPTION
7:3
-
Reserved
2
R/W
MPwrDwn : Modem power down setting
While this bit set to 1, MPWDN pin (pin 116) will be active to force modem chip into power
down mode. As for MPWDN is active high or active low. Please refer section 2.7 Power on
configuration setup signal cross reference table.
1
R
Intr : Interrupt Request
The LAN function will set this bit to 1 when it need interrupt service and set it to 0 when it
is not request interrupt service.
0
R
IntrAck : Interrupt Acknowledge
This bit will be 0. The Intr will reflect the status of interrupt requesting.
4.2.3 I/O Base Register 0/1 of MODEM (MIOBASE0/1) Offset 3EAH/3ECH (Read/Write)
The I/O Base registers (MIOBASE0 and MIOBASE1) determine the base address of the I/O range used to
access the MODEM specific registers.
I/O Base Register 0
FIELD
R/W/C
DESCRIPTION
7:0
R/W
Base I/O address bit 7 – 0.
I/O Base Register 1
FIELD
R/W/C
DESCRIPTION
7:0
R/W
Base I/O address bit 15 – 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com