Electronic Components Datasheet Search
  English  ▼

X  

EMP202 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EMP202
Description  Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMP202 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EMP202 Datasheet HTML 9Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 10Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 11Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 12Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Single-Chip Dual-Channel AC’97 Audio Codec
EMP202
EMPIA Technology
7/15/2002
13
5.1.13. MX1A Record Select
Default: 0000H
Each step in bits 2:0 correspond to 1.5dB in increase/decrease in volume for the right channel,
allowing 7 levels of volume, from 000 to 111. Each step in bits 10:8 correspond to 1.5dB in
increase/decrease in volume for the left channel, allowing 7 levels of volume, from 000 to 111.
Bit
Type
Function
15:11
-
Reserved
10:8
R/W
Left Record Source Select: (LRS[2:0])
7:3
-
Reserved
2:0
R/W
Right Record Source Select: (RRS[2:0])
1) For LRS:
0 MIC
1 CD LEFT
2 VIDEO LEFT
3 AUX LEFT
4 LINE LEFT
5 STEREO MIXER OUTPUT LEFT
6 MONO MIXER OUTPUT
7 PHONE
2) For RRS:
0 MIC
1 CD RIGHT
2 VIDEO RIGHT
3 AUX RIGHT
4 LINE RIGHT
5 STEREO MIXER OUTPUT RIGHT
6 MONO MIXER OUTPUT
7 PHONE
5.1.14. MX1C Record Gain
Default: 8000H
Each step in bits 3:0 correspond to 1.5dB in increase/decrease in gain for the right channel, allowing
16 levels of gain, from 0000 to 1111. Each step in bits 11:8 correspond to 1.5dB in increase/decrease
in gain for the left channel, allowing 16 levels of gain, from 0000 to 1111.
Bit
Type
Function
15
R/W
Mute Control:
0: Normal
1: Mute (- ‡dB)
14:12
-
Reserved
11:8
R/W
Left Record Gain Select: (LRG[3:0]) in 1.5 dB steps
7:4
-
Reserved
3:0
R/W
Right Record Gain Select: (RRG[3:0]) in 1.5 dB steps
1) For LRG/RRG:
0Fh
+22.5dB
00h
0 dB (No Gain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com