Electronic Components Datasheet Search
  English  ▼

X  

EMP202 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # EMP202
Description  Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMP202 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button EMP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Single-Chip Dual-Channel AC’97 Audio Codec
EMP202
EMPIA Technology
7/15/2002
19
5.2.2.MX4C GPIO Pin Configuration
Default: 0003H
Bit
Type
Function
15:2
-
Reserved
1
R/W
GC1
0 GPIO1 configured as output
1 GPIO1 configured as input
0
R/W
GC0
0 GPIO0 configured as output
1 GPIO0 configured as input
5.2.3.MX4E GPIO Pin Polarity/Type
Default: FFFFH
Bit
Type
Function
15:2
-
Reserved
1
R/W
GP1
0 GPIO1 polarity inverted
1 GPIO1 polarity inverted
0
R/W
GP0
0 GPIO0 polarity inverted
1 GPIO0 polarity inverted
5.2.4.MX50 GPIO Pin Sticky
Default: 0000H
Bit
Type
Function
15:2
-
Reserved
1
R/W
GS1
0 GPIO1 non sticky
1 GPIO1 sticky
0
R/W
GS0
0 GPIO1 non sticky
1 GPIO1 sticky
5.2.5.MX50 GPIO Pin Status
Default: 0000H
Bit
Type
Function
15:2
-
Reserved
1:0
R/W
GI1 (GPIO1/0)
As output, use with MX74:D0 to set
If D0=0, the respective register value placed on pad (D1 for GPIO1, D0 for
GPIO0)
If D0=1, pad get value from slot 12
As input and sticky
0 clears this bit
1 does nothing
As input and non sticky
This register gives GPIO1 value from pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com