Electronic Components Datasheet Search
  English  ▼

X  

EMP202 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # EMP202
Description  Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMP202 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button EMP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Single-Chip Dual-Channel AC’97 Audio Codec
EMP202
EMPIA Technology
7/15/2002
20
5.3. Extended Registers
5.3.1.MX6A SPDIF Output Select
Default: 0000H
Bit
Type
Function
15:2
-
Reserved
1
R/W
SPDIF Output Source Select
0 PCM data from ACLINK to SPDIF
1 ADC record data to SPDIF
0
-
Reserved
5.3.2.MX72 Antipop
Default: 0000H
Bit
Type
Function
15:8
-
Reserved
7
R/W
Internal Antipop
0 enabled
1 disabled
6:0
-
Reserved
5.3.3.MX74 EAPD Access
Default: 0800H
Bit
Type
Function
15
R/W
EAPD, Use with D11
If D11=1, EAPD data output
If D11=0, EAPD data input
14:12
-
Reserved
11
R/W
EAPD Pin Enable
0 EAPD as input
1 EAPD as output
10:3
-
Reserved
2
R/W
Interrupt Disable
0 clear GPIO interrupts
1 clear GPIO interrupts with MX54
1
R/W
GPIO Access
0 ACLINK access from GPIO pad
1 ACLINK access from MX54
0
R/W
GPIOSLT12
0 GPIO0 and GPIO1 access from MX54, if GPIO is set as output, input Slot 12
will be 0h.
1 GPIO0 and GPIO1 access from Slot 12, if GPIO is set as output, input MX54
not updated.
5.3.4.MX7C VENDOR ID1
Default: FFFFH
Bit
Type
Function
15:0
R
Vendor ID: FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com